Electronic Components Datasheet Search
  English  ▼

X  

UTT6N10Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT6N10Z
Description  100V, 6A N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT6N10Z Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT6N10Z Datasheet HTML 1Page - Unisonic Technologies UTT6N10Z Datasheet HTML 2Page - Unisonic Technologies UTT6N10Z Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT6N10Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-921, A
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise noted)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
100
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
6
A
Pulsed
IDM
24
A
Single Pulsed Avalanche Energy (Note 3)
EAS
12
mJ
Power Dissipation
TA=25°C (Note 1)
PD
2.2
W
Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient (Note 1)
θJA
55
°C/W
Junction to Case
θJC
12
°C/W
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
100
V
Drain-Source Leakage Current
IDSS
VDS=80V, VGS=0V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
+10
µA
Reverse
VGS=-20V, VDS=0V
-10
µA
ON CHARACTERISTICS
(Note 2)
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1.0
2.2
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=6A
80
108
mΩ
VGS=4.5V, ID=3A
100 153
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
234 315
pF
Output Capacitance
COSS
46
65
pF
Reverse Transfer Capacitance
CRSS
3.1
5
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDD=25V, ID=6A
4.3
7
nC
Gate to Source Charge
QGS
VDD=50V, ID=6A
0.7
nC
Gate to Drain Charge
QGD
VDD=50V, ID=6A
0.9
nC
Turn-ON Delay Time
tD(ON)
VDD=50V, ID=6A, VGS=10V,
RGEN=6Ω
3.8
10
ns
Rise Time
tR
1.3
10
ns
Turn-OFF Delay Time
tD(OFF)
10
20
ns
Fall-Time
tF
1.5
10
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
ssDrain-Source Diode Forward Voltage
VSD
IS=6A, VGS=0V (Note 2)
0.86 1.3
V
Maximum Body-Diode Continuous Current
IS
6
A
Source Current Pulsed
ISM
24
A
Notes: 1. θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal
reference is defined as the solder mounting surface of the drain pins.
θJC is guaranteed by design while θJA is determined by the user’s board deign.
2. Pulse Test: Pulse width ≤ 300µs, Duty cycle ≤ 2%
3. Starting TJ = 25°C, L =11mH, IAS =6A, VDD = 90V, VGS=10V.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com