Electronic Components Datasheet Search
  English  ▼

X  

LAA126STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LAA126STR
Description  Dual Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LAA126STR Datasheet(HTML) 2 Page - Clare, Inc.

  LAA126STR Datasheet HTML 1Page - Clare, Inc. LAA126STR Datasheet HTML 2Page - Clare, Inc. LAA126STR Datasheet HTML 3Page - Clare, Inc. LAA126STR Datasheet HTML 4Page - Clare, Inc. LAA126STR Datasheet HTML 5Page - Clare, Inc. LAA126STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.clare.com
LAA126
Rev. 3
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an
extended period may degrade the device and effect its
reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Flatpack/Surface Mount
Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
250
V
Load Current (Continuous)
AC/DC Configuration
-
I
L
170
Peak Load Current
10ms max
I
LPK
-
-
400
mA
On-Resistance
AC/DC Configuration
I
L=170mA
R
ON
-10
15
Ω
Off-State Leakage Current
V
L=250V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
5
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
--
5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-50
-
pF
Load Current Limiting
I
CL
--
-
mA
Capacitance
Input to Output
-
-
-
3
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=170mA
I
F
5-
50
mA
Input Dropout Current
-
-
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
--
10
µ
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com