Electronic Components Datasheet Search
  English  ▼

X  

UTT80N08 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT80N08
Description  80A, 80V N-CHANNEL POWER MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT80N08 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT80N08 Datasheet HTML 1Page - Unisonic Technologies UTT80N08 Datasheet HTML 2Page - Unisonic Technologies UTT80N08 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTT80N08
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-468.b
ABSOLUTE MAXIMUM RATINGS (TJ= 25 °C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate Source Voltage
VGS
±20
V
Continuous Drain Current
ID
80
A
Pulsed Drain Current
IDM
320
A
Avalanche Energy, Single Pulse
EAS
320
mJ
Power Dissipation
TO-220
PD
137
W
TO-220F1
70
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
L=0.1mH, IAS=80A, VDD=25V, RG=20Ω, Starting TJ =25°C.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/ TO-220F1
θJA
62.5
°C/W
Junction to Case
TO-220
θJC
0.91
°C/W
TO-220F1
1.77
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250μA, VGS=0V
80
V
Drain-Source Leakage Current
IDSS
VDS=80V, VGS=0V
0.01
1
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±
1
±
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.1
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=80A
12
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1.0MHz
4700
pF
Output Capacitance
COSS
1260
pF
Reverse Transfer Capacitance
CRSS
580
pF
SWITCHING PARAMETERS
Gate to Source Charge
QGS
VDD=60V, VGS=0~10V, ID=80A
25
37
nC
Gate to Drain Charge
QGD
69
116
nC
Total Gate Charge
QG
144
180
nC
Turn-ON Delay Time
tD(ON)
VDD=40V, RG=2.2Ω
ID=80A, VGS=10V
26
ns
Rise Time
tR
50
ns
Turn-OFF Delay Time
tD(OFF)
61
ns
Fall-Time
tF
30
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous
Current
IS
80
A
Pulsed Current
ISM
320
Drain-Source Diode Forward Voltage
VSD
ISD=80A
0.9
1.3
V
Note: 1. Defined by design. Not subject to production test.
2. Qualified at -20V and +20V.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com