Electronic Components Datasheet Search
  English  ▼

X  

LCA120 Datasheet(PDF) 2 Page - Clare, Inc.

Part # LCA120
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA120 Datasheet(HTML) 2 Page - Clare, Inc.

  LCA120 Datasheet HTML 1Page - Clare, Inc. LCA120 Datasheet HTML 2Page - Clare, Inc. LCA120 Datasheet HTML 3Page - Clare, Inc. LCA120 Datasheet HTML 4Page - Clare, Inc. LCA120 Datasheet HTML 5Page - Clare, Inc. LCA120 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
250
V
Load Current (Continuous)
AC/DC Configuration
-
I
L
-
-
150
mA
DC Configuration
-
I
L
-
-
200
mA
Peak Load Current
10ms
I
LPK
--
-
mA
On-Resistance
AC/DC Configuration
I
L=Load Current
R
ON
-15
20
Ω
DC Configuration
I
L=Load Current
-
5
6
Ω
Off-State Leakage Current
V
L=25OV
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
3
ms
Turn-Off
I
F =5mA, VL=10V
T
OFF
--
3
ms
Output Capacitance
50V; f=1MHz
C
OUT
-50
-
pF
Load Current Limiting
I
CL
190
235
280
mA
Input Characteristics @ 25°C
Input Control Current
I
L=Load Current
I
F
5-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
www.clare.com
LCA120L
Rev. 9
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.
2
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristics
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com