Electronic Components Datasheet Search
  English  ▼

X  

LCA120STR Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCA120STR
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA120STR Datasheet(HTML) 3 Page - Clare, Inc.

  LCA120STR Datasheet HTML 1Page - Clare, Inc. LCA120STR Datasheet HTML 2Page - Clare, Inc. LCA120STR Datasheet HTML 3Page - Clare, Inc. LCA120STR Datasheet HTML 4Page - Clare, Inc. LCA120STR Datasheet HTML 5Page - Clare, Inc. LCA120STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCA120
www.clare.com
Rev. 8
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
3
LCA120
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LCA120
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
35
30
25
20
15
10
5
0
6.5
8.5
10.5
7.5
9.5
On-Resistance (
Ω)
LCA120
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
305
325
345
365
315
335
355
Blocking Voltage (V)
LCA120
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC)
LED Current (mA)
25
20
15
10
5
0
0.5
0.9
1.3
0.3
0.7
1.1
1.5
LCA120
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC
25
20
15
10
5
0
0.15
0.75
1.35
1.95
0.45
1.05
1.65
LED Current (mA)
)
LCA120
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.625
1.125
1.625
2.125
0.875
1.375
1.875
Turn-On (ms)
25
20
15
10
5
0
LCA120
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
0.335 0.525 0.715
1.095
0.905
1.285 1.475
Turn-Off (ms)
25
20
15
10
5
0
LCA120
Typical Load Current vs. Temperature
Temperature (
°C)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
LCA120
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.0250
0.0200
0.0150
0.0100
0.0050
0
-20
0
20
40
60
80
100
LCA120
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
350
345
340
335
330
325
320
315
-20
0
20
40
60
80
100
LCA120
Typical Turn-On vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
5mA
10mA
20mA
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
LCA120
Typical Turn-Off vs. Temperature
(Load Current = 170mADC)
Temperature (
°C)
-40
0.700
0.600
0.500
0.400
0.300
0.200
0.100
0
-20
0
20
40
60
80
100
5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com