Electronic Components Datasheet Search
  English  ▼

X  

BTA06 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BTA06
Description  6A TRIACS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BTA06 Datasheet(HTML) 1 Page - Unisonic Technologies

  BTA06 Datasheet HTML 1Page - Unisonic Technologies BTA06 Datasheet HTML 2Page - Unisonic Technologies BTA06 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BTA06
Preliminary
TRIAC
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R401-033.d
6A TRIACS
DESCRIPTION
The UTC BTA06 is a 6A triacs which can be operated in 4
quadrants, it uses UTC’s advanced technology to provide customers
with high commutation performances, etc.
The UTC BTA06 is suitable for AC switching application and
phase control application such as fan speed and temperature
modulation control, lighting control and static switching relay, either in
through-hole or surface-mount packages.
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
BTA06L-x-x-TF3-T
BTA06G-x-x-TF3-T
TO-220F
MT1 MT2
G
Tube
SENSITIVITY AND TYPE
PART NUMBER
VOLTAGE
SENSITIVITY
TYPE
600V
800V
B
◎
◎
50mA
STANDARD
C
◎
◎
25mA
STANDARD
◎
: Available
MARKING INFORMATION
PACKAGE
MARKING
TO-220F


Similar Part No. - BTA06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA06 STMICROELECTRONICS-BTA06 Datasheet
69Kb / 5P
SENSITIVE GATE TRIACS
Mar-1995
BTA06 STMICROELECTRONICS-BTA06 Datasheet
76Kb / 7P
6A TRIACS
13-Feb-2006
logo
Sirectifier Semiconduct...
BTA06 SIRECTIFIER-BTA06 Datasheet
341Kb / 4P
Discrete Triacs(Non-Isolated/Isolated)
logo
Suntac Electronic Corp.
BTA06 SUNTAC-BTA06 Datasheet
72Kb / 4P
6A TRIACS
logo
Sirectifier Global Corp...
BTA06 SIRECT-BTA06 Datasheet
1Mb / 4P
Discrete Triacs(Non-Isolated/Isolated)
More results

Similar Description - BTA06

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
T610-600B-TR TGS-T610-600B-TR Datasheet
138Kb / 1P
6A TRIACS
T610-600G-TR TGS-T610-600G-TR Datasheet
169Kb / 1P
6A TRIACS
BTA06-600BF TGS-BTA06-600BF Datasheet
62Kb / 1P
6A TRIACS
BTA06-800B TGS-BTA06-800B Datasheet
217Kb / 1P
6A TRIACS
BTA06-800C TGS-BTA06-800C Datasheet
66Kb / 1P
6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06 Datasheet
164Kb / 3P
6A TRIACS
BTB06A UTC-BTB06A Datasheet
162Kb / 4P
6A TRIACS
logo
Kersemi Electronic Co.,...
BTB06-700B KERSEMI-BTB06-700B Datasheet
1Mb / 5P
6A TRIACS
BTB06-600SW KERSEMI-BTB06-600SW Datasheet
1Mb / 5P
6A TRIACS
logo
Unisonic Technologies
BTB06 UTC-BTB06_15 Datasheet
164Kb / 3P
6A TRIACS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com