Electronic Components Datasheet Search
  English  ▼

X  

LCA211STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LCA211STR
Description  COMMON INPUT OptoMOS Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA211STR Datasheet(HTML) 1 Page - Clare, Inc.

  LCA211STR Datasheet HTML 1Page - Clare, Inc. LCA211STR Datasheet HTML 2Page - Clare, Inc. LCA211STR Datasheet HTML 3Page - Clare, Inc. LCA211STR Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.clare.com
LCA211
DS-LCA211-R6
LCA211 is a 350V, 85mA, 35
Ω single input/dual output
relay. It features fast 1.2ms switching for high speed
applications where two independent outputs are driven by
a common input.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified:
• BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
• BS EN 41003:1993
Certificate #:7344
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
Applications
Features
Description
Approvals
COMMON INPUT OptoMOS® Relay
Ordering Information
Part #
Description
LCA211
8 Pin DIP (50/Tube)
LCA211S
8 Pin Surface Mount (50/Tube)
LCA211STR
8 Pin Surface Mount (1000/Reel)
LCA211
Units
Load Voltage
350
V
Load Current
85
mA
Max R
ON
35
Ω
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
1
2
3
4
Do Not Use
+ Control
– Control
Do Not Use
8
7
6
5
Output 1
Output 2
Output 1
Output 2
LCA211 Pinout
AC/DC Configuration


Similar Part No. - LCA211STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LCA210 IXYS-LCA210 Datasheet
122Kb / 7P
Dual-Pole, 2-Form-A OptoMOS Relay
logo
Clare, Inc.
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
Common Input, Dual-Pole OptoMOS Relay
logo
Clare, Inc.
LCA210LS CLARE-LCA210LS Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
More results

Similar Description - LCA211STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
LCC110 CLARE-LCC110 Datasheet
126Kb / 8P
Common Input OptoMOS Relay
LCC120 CLARE-LCC120 Datasheet
105Kb / 7P
COMMON INPUT OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
DUAL POLE OptoMOS Relay
logo
IXYS Corporation
LCA210L IXYS-LCA210L Datasheet
122Kb / 7P
Common Input, Dual-Pole OptoMOS Relay
LCA220 IXYS-LCA220 Datasheet
123Kb / 7P
Common Input, Dual Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com