Electronic Components Datasheet Search
  English  ▼

X  

LCA710 Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCA710
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA710 Datasheet(HTML) 3 Page - Clare, Inc.

  LCA710 Datasheet HTML 1Page - Clare, Inc. LCA710 Datasheet HTML 2Page - Clare, Inc. LCA710 Datasheet HTML 3Page - Clare, Inc. LCA710 Datasheet HTML 4Page - Clare, Inc. LCA710 Datasheet HTML 5Page - Clare, Inc. LCA710 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCA710
www.clare.com
Rev. 3
3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCA710
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 10mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage (V)
LCA710
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC; IF = 10mADC)
35
30
25
20
15
10
5
0
0.215
0.225
0.235
0.255
0.245
0.265
On-Resistance (
Ω)
LCA710
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
72
74
76
78
80
82
Blocking Voltage (V)
LCA710
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC)
1.25
2.25
3.25
1.75
2.75
3.75
LED Current (mA)
25
20
15
10
5
0
LCA710
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC)
25
20
15
10
5
0
1.25
2.25
3.25
1.75
2.75
3.75
LED Current (mA)
LCA710
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC; IF = 10mADC)
0.7
1.1
1.5
0.5
0.9
1.3
Turn-On (ms)
25
20
15
10
5
0
LCA710
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 1ADC; IF = 10mADC)
0.05
0.09
0.13
0.03
0.07
0.11
Turn-Off (ms)
25
20
15
10
5
0
LCA710
Typical Load Current vs. Temperature
Temperature (
°C)
1800
1600
1400
1200
1000
800
600
400
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
LCA710
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.007
0.006
0.005
0.004
0.003
0.002
0.001
0
-20
0
20
40
60
80
100
LCA710
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
81.0
80.0
79.0
78.0
77.0
76.0
75.0
74.0
73.0
-20
0
20
40
60
80
100
LCA710
Typical Turn-On vs. Temperature
(Load Current = 1ADC)
Temperature (
°C)
20mA
-40
1.400
1.200
1.000
0.800
0.600
0.400
0.200
0
-20
0
20
40
60
80
100
10mA
LCA710
Typical Turn-Off vs. Temperature
(Load Current = 1ADC)
Temperature (
°C)
-40
0.140
0.120
0.100
0.080
0.060
0.040
0.020
0
-20
0
20
40
60
80
100
10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com