Electronic Components Datasheet Search
  English  ▼

X  

LCA220STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # LCA220STR
Description  Commom Input OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA220STR Datasheet(HTML) 4 Page - Clare, Inc.

  LCA220STR Datasheet HTML 1Page - Clare, Inc. LCA220STR Datasheet HTML 2Page - Clare, Inc. LCA220STR Datasheet HTML 3Page - Clare, Inc. LCA220STR Datasheet HTML 4Page - Clare, Inc. LCA220STR Datasheet HTML 5Page - Clare, Inc. LCA220STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCA220
Rev. 6
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCA220
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40 -20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
LCA220
Typical Turn-On vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
5
10 15 20 25 30 35 40 45
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50 55
LCA220
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
5
10 15 20 25 30 35 40 45
0.60
0.55
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0
50 55
LCA220
Typical On-Resistance vs. Temperature
(Load Current = max rated over temp)
Temperature (
°C)
-40
20
18
16
14
12
10
0
-20
0
20
40
60
80
100
10mA
10mA
20mA
Instantaneous
LCA220
Typical IF for Switch Operation
vs. Temperature
(Load Current = max rated over temp)
Temperature (
°C)
-40
3.6
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
-20
0
20
40
60
80
100
LCA220
Typical IF for Switch Dropout
vs. Temperature
(Load Current = max rated over temp)
Temperature (
°C)
-40
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
-20
0
20
40
60
80
100
LCA220
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 10mADC
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-2.0 -1.5 -1.25 -0.625 0 0.625 1.25 1.875 3.0
LCA220
Energy Rating Curve
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10µs
1ms
100ms
10s
100µs
10ms
1s
100s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com