Electronic Components Datasheet Search
  English  ▼

X  

LCB110 Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCB110
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB110 Datasheet(HTML) 3 Page - Clare, Inc.

  LCB110 Datasheet HTML 1Page - Clare, Inc. LCB110 Datasheet HTML 2Page - Clare, Inc. LCB110 Datasheet HTML 3Page - Clare, Inc. LCB110 Datasheet HTML 4Page - Clare, Inc. LCB110 Datasheet HTML 5Page - Clare, Inc. LCB110 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCB110
www.clare.com
Rev. 6.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
3
LCB110
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LCB110
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
25
20
15
10
5
0
22.4
23.0
23.6
24.2
22.7
23.3
23.9
On-Resistance (
Ω)
LCB110
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
IF=5mA
25
20
15
10
5
0
410
420
430
440
450
460
Blocking Voltage (V)
LCB110
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC)
0.45
0.55
0.65
0.75
0.50
0.60
0.70
LED Current (mA)
25
20
15
10
5
0
LCB110
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC
25
20
15
10
5
0
0.40
0.50
0.60
0.70
0.45
0.55
0.65
LED Current (mA)
)
LCB110
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 5mADC)
0.25
0.39
0.53
0.32
0.46
Turn-On (ms)
25
20
15
10
5
0
0.18
LCB110
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 120mADC; IF = 5mADC)
0.80
0.90
1.05
0.75
0.85
0.95
Turn-Off (ms)
25
20
15
10
5
0
1.0
LCB110
Typical Load Current vs. Temperature
Temperature (
°C)
220
200
180
160
140
120
100
80
60
40
-40
-20
0
20
40
60
80
120
100
DC Configuration
AC/DC Configuration
LCB110
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7&8)
Temperature (
°C)
-40
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
LCB110
Typical Blocking Voltage vs. Temperature
(IF-5mA)
Temperature (
°C)
-40
520
490
460
430
400
370
340
-20
0
20
40
60
80
100
LCB110
Typical Turn-On vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
5mA
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
100
LCB110
Typical Turn-Off vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
-20
0
20
40
60
80
100
10mA
5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com