Electronic Components Datasheet Search
  English  ▼

X  

ACT-45B Datasheet(PDF) 8 Page - TDK Electronics

Part # ACT-45B
Description  Common Mode Filters For automobile signal line ACT series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT-45B Datasheet(HTML) 8 Page - TDK Electronics

Back Button ACT-45B Datasheet HTML 3Page - TDK Electronics ACT-45B Datasheet HTML 4Page - TDK Electronics ACT-45B Datasheet HTML 5Page - TDK Electronics ACT-45B Datasheet HTML 6Page - TDK Electronics ACT-45B Datasheet HTML 7Page - TDK Electronics ACT-45B Datasheet HTML 8Page - TDK Electronics ACT-45B Datasheet HTML 9Page - TDK Electronics ACT-45B Datasheet HTML 10Page - TDK Electronics ACT-45B Datasheet HTML 11Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
(8/11)
001-01 / 20131106 / e9711_act.fm
• All specifications are subject to change without notice.
EMC Components
ACT series 
ACT45R Type
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS SPECIFICATION TABLE
○ Measurement equipment
* Equivalent measurement equipment may be used.
IMPEDANCE VS. FREQUENCY CHARACTERISTICS
○ Measurement equipment
* Equivalent measurement equipment may be used.
Common mode
impedance
(
:) [10MHz]
Common mode
inductance(μH)
+50/–30%
[100kHz]
Stray
inductance
(μH)typ.
[100kHz]
DC resistance
(
:)max.
Rated current
(A)max.
Insulation
resistance
(M
:)min.
Rated voltage
(V)max.
Part No.
min.
typ.
2200
5500
100
0.2
1.5
0.2
10
50
ACT45R-101-2P-TL001
Measurement item
Product No.
Manufacturer
Common mode impedance
4991A
Agilent Technologies
Common mode inductance
4294A
Agilent Technologies
DC resistance
4338A
Agilent Technologies
Insulation resistance
4339A
Agilent Technologies
Product No.
Manufacturer
4991A
Agilent Technologies
1
10
100
1000
100000
10000
1000
1
10
100
Frequency (MHz)
101 Common mode
101 Differential mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com