Electronic Components Datasheet Search
  English  ▼

X  

LCC110P Datasheet(PDF) 5 Page - Clare, Inc.

Part # LCC110P
Description  Common Input OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCC110P Datasheet(HTML) 5 Page - Clare, Inc.

  LCC110P Datasheet HTML 1Page - Clare, Inc. LCC110P Datasheet HTML 2Page - Clare, Inc. LCC110P Datasheet HTML 3Page - Clare, Inc. LCC110P Datasheet HTML 4Page - Clare, Inc. LCC110P Datasheet HTML 5Page - Clare, Inc. LCC110P Datasheet HTML 6Page - Clare, Inc. LCC110P Datasheet HTML 7Page - Clare, Inc. LCC110P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LCC110
www.clare.com
5
Rev. 4
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCC110 - FormB
Typical Turn-On vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.075
0.074
0.073
0.072
0.071
0.070
50
LCC110 - FormA
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.25
0.20
0.15
0.10
0.05
0
50
LCC110 - FormB
Typical Turn-Off vs. LED Forward Current
(Load Current = 120mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
50
LCC110 - FormA
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 8mADC)
Temperature (
°C)
-40
40
35
30
25
20
15
10
5
0
-20
0
20
40
60
80
100
LCC110 FormB
Typical On-Resistance vs. Temperature
(Load Current = 120mADC; IF = 8mADC)
Temperature (
°C)
-40
60
50
40
30
20
10
0
-20
0
20
40
60
80
100
LCC110 - FormA
Typical IF for Switch Operation vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
LCC110 - FormB
Typical IF for Switch Operation vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
LCC110 - FormA
Typical IF for Switch Dropout vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
LCC110 - FormB
Typical IF for Switch Dropout vs. Temperature
(Load Current = 120mADC)
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
LCC110 - FormA
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 8mADC)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-3
-1
-2
0
1
2
3
LCC110 - FormB
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C; IF = 8mADC)
Load Voltage (V)
150
100
50
0
-50
-100
-150
-4
-2
-1
-3
1
3
4
2
0
LCC110
Energy Rating Curve
Time
10
µs
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1ms
100
µs
100ms
1s
10ms
10s
100s



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com