Electronic Components Datasheet Search
  English  ▼

X  

LDA101 Datasheet(PDF) 3 Page - Clare, Inc.

Part # LDA101
Description  Solid State Current Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA101 Datasheet(HTML) 3 Page - Clare, Inc.

  LDA101 Datasheet HTML 1Page - Clare, Inc. LDA101 Datasheet HTML 2Page - Clare, Inc. LDA101 Datasheet HTML 3Page - Clare, Inc. LDA101 Datasheet HTML 4Page - Clare, Inc. LDA101 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LDA101
www.clare.com
Rev. 3
3
Performance Data
LDA100/LDA101
Typical Normalized CTR vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2
4
6
8
10
12
14
16
18
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
LDA100/LDA101
Typical Normalized CTR vs. Temperature
(VCE = 0.5V)
Temperature (
°C)
8
7
6
5
4
3
2
1
0
-40
-20
0
20
40
60
80
120
100
1mA
2mA
5mA
10mA
15mA
20mA
LDA100/LDA101
Typical Collector Current vs. Forward Current
(VCE = 0.5V)
IF (mA)
0
2468
12
10
14
16
18
20
12
10
8
6
4
2
0
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com