Electronic Components Datasheet Search
  English  ▼

X  

LBN03604 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN03604
Description  36MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN03604 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN03604 Datasheet HTML 1Page - SIPAT Co,Ltd LBN03604 Datasheet HTML 2Page - SIPAT Co,Ltd LBN03604 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN03604
Rev. Date
2006-4-19
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
36MHz SAW Filter
8MHz Bandwidth
Part Number:LBN03604
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
35.95
36
36.05
Insertion Loss
dB
-
32
33.5
1 dB Bandwidth
MHz
7.5
7.68
-
3 dB Bandwidth
MHz
8
8.12
-
40 dB Bandwidth
MHz
-
9.73
9.8
Passband Variation
dB
-
0.4
0.7
Absolute Delay
usec
-
2.68
-
Group Delay Variation(f0±3.5MHz)
nsec
-
50
70
Phase Linearity(f0±3.5MHz)
deg
-
3
3.5
Ultimate Rejection
dB
50
52
-
Material Temperature coefficient
KHz/°C
-3.4
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.


Similar Part No. - LBN03604

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN03604 SIPAT-LBN03604 Datasheet
137Kb / 3P
36MHz SAW Filter 8MHz Bandwidth
More results

Similar Description - LBN03604

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN03604 SIPAT-LBN03604 Datasheet
137Kb / 3P
36MHz SAW Filter 8MHz Bandwidth
LBN10502 SIPAT-LBN10502 Datasheet
155Kb / 3P
105MHz SAW Filter 36MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0993A TAI-SAW-TB0993A Datasheet
286Kb / 6P
SAW Filter 152MHz 36MHz BW (SMD 7.0횞5.0 mm)
TB0774A TAI-SAW-TB0774A Datasheet
388Kb / 7P
IF SAW Filter 153.6MHz(BW=36MHz) SMD 13.3X6.5mm
TA2428A TAI-SAW-TA2428A Datasheet
406Kb / 7P
SAW Filter 752MHz SMD 3.0횞3.0 mm (BW=36MHz)
TA2685A TAI-SAW-TA2685A Datasheet
443Kb / 6P
SAW Filter 752MHz SMD 3.0횞3.0 mm (BW=36MHz)
TZ0148A TAI-SAW-TZ0148A Datasheet
148Kb / 2P
HC49US 36MHz Crystal Resonator
REV. NO.: 1
TZ0150A TAI-SAW-TZ0150A Datasheet
155Kb / 3P
SMD7x5 36MHz Crystal Resonator
REV. NO.: 3.0
TZ0160A TAI-SAW-TZ0160A Datasheet
176Kb / 4P
SMD6x3.5 36MHz Crystal Resonator
REV. NO.: 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com