Electronic Components Datasheet Search
  English  ▼

X  

LDA210 Datasheet(PDF) 4 Page - Clare, Inc.

Part # LDA210
Description  Solid State Current Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA210 Datasheet(HTML) 4 Page - Clare, Inc.

  LDA210 Datasheet HTML 1Page - Clare, Inc. LDA210 Datasheet HTML 2Page - Clare, Inc. LDA210 Datasheet HTML 3Page - Clare, Inc. LDA210 Datasheet HTML 4Page - Clare, Inc. LDA210 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
LDA210
Rev. 1
Dimensions
mm
(inches)
Mechanical Data
PC Board Pattern
(Top View)
2.540
± .127
(.100
± .005)
8.305
± .127
(.327
± .005)
1.905
± .127
(.075
± .005)
1.498
± .127
(.059
± .005)
4.445
± .127
(.175
± .005)
3.302
(.130)
7.620
± .254
(.300
± .010)
6.350
± .127
(.250
± .005)
8.077
± .127
(.318
± .005)
2.540
± .127
(.100
± .005)
9.525
± .254
(.375
± .010)
.457
± .076
(.018
± .003)
.254 TYP.
(.010)
.635 TYP.
(.025)
8 Pin DIP Surface Mount (“S” Suffix)
9.652
± .381
(.380
± .015)
Tape and Reel Packaging for 8 Pin Surface Mount Package
7.493
± .102
(.295
± .004)
12.090
(.476)
1.753
± .102
(.069
± .004)
3.987
± .102
(.157
± .004)
1.498
± .102
(.059
± .004)
6.731 MAX.
(.265)
.406 MAX.
(.016)
4.877
(.192)
Top Cover
Tape
2.007
± .102
(.079
± .004)
11.989
± .102
(.472
± .004)
User Direction of Feed
.050R TYP.
16.002
± .305
(.630
± .012)
10.300
(.405)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.102 MAX.
(.004)
10.300
± .102
(.405
± .004)
1.549
± .102
(.061
± .004)
330.2 DIA.
(13.00)
18



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com