Electronic Components Datasheet Search
  English  ▼

X  

LOC112P Datasheet(PDF) 3 Page - Clare, Inc.

Part # LOC112P
Description  Linear Optocouplers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC112P Datasheet(HTML) 3 Page - Clare, Inc.

  LOC112P Datasheet HTML 1Page - Clare, Inc. LOC112P Datasheet HTML 2Page - Clare, Inc. LOC112P Datasheet HTML 3Page - Clare, Inc. LOC112P Datasheet HTML 4Page - Clare, Inc. LOC112P Datasheet HTML 5Page - Clare, Inc. LOC112P Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LOC112
www.clare.com
Rev. 2
3
Performance Data
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LOC112
LED Current (IF) vs.
LED Forward Voltage (VF)
LED Forward Voltage (V)
1
35
30
25
20
15
10
5
0
1.1
1.2
1.3
1.4
LOC112
LED Current (IF) vs.
LED Forward Voltage (VF)
LED Forward Voltage (V)
1
100
10
1
0.1
1.1
1.2
1.3
1.4
LOC112
Servo Gain vs.
LED Current & Temperature
LED Current (mA)
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
02
4
68
12
10
0
°C
25
°C
50
°C
70
°C
85
°C
LOC112
Servo-Photocurrent vs.
LED Current & Temperature
LED Current (mA)
"
 

&
$
"



"
$&


0
°C
25
°C
50
°C
70
°C
85
°C
LOC112
Normalized Servo-Photocurrent vs.
LED Current & Temperature
LED Current (mA)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
02
4
68
12
10
0
°C
25
°C
50
°C
70
°C
85
°C
LOC112
Typical LED Forward Voltage Drop vs.
Temperature
Temperature (
°C)
-40
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
-15
10
35
60
85
10mA
20mA
5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com