Electronic Components Datasheet Search
  English  ▼

X  

LOC210 Datasheet(PDF) 2 Page - Clare, Inc.

Part # LOC210
Description  Linear Optocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC210 Datasheet(HTML) 2 Page - Clare, Inc.

  LOC210 Datasheet HTML 1Page - Clare, Inc. LOC210 Datasheet HTML 2Page - Clare, Inc. LOC210 Datasheet HTML 3Page - Clare, Inc. LOC210 Datasheet HTML 4Page - Clare, Inc. LOC210 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
LOC210
Rev. 3
Absolute Maximum Ratings are stress ratings. Functional
operation of the device at these or any other conditions
beyond those indicated in the operational sections of this
data sheet is not implied. Exposure of the device to the
absolute maximum ratings for an extended period may
degrade the device and effect its reliability.
Absolute Maximum Ratings (@ 25o C)
2
Electrical Characteristics
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Input Characteristics @ 25°C1
LED Voltage Drop
I
F=2-10mA
V
F
0.9
1.2
1.4
V
Reverse LED Current
V
R=5V
I
R
-
-
10
µA
Reverse LED Voltage
-
V
R
--
5
V
Forward LED Current
-
I
F
-
-
100
mA
Coupler/Detector
Characteristics @ 25°C1
Dark Current
I
F=0mA, VCC=15V
I
D
-1
25
nA
K1, Servo Gain (I
1/IF)IF=2-10mA, VCC=15V
K1
0.008
-
0.030
-
K2, Forward Gain (I
2/IF)IF=2-10mA, VCC=15V
K2
0.006
-
0.030
-
K3, Transfer Gain (K
2/K1)IF=2-10mA, VCC=15V
K3
0.733
-
1.072
-
∆K3, Transfer Gain Linearity
I
F=2-10mA
∆K3
-
-
1.0
%
(non-servoed)
K3 Temperature Coefficient
I
F=2-10mA, Vdet=-5V
∆K3/∆T
-
0.005
-
%/°C
Common Mode Rejection Ratio
V=20V
P-P, RL=2KΩ,
CMRR
-
130
-
dB
F=100Hz
Total Harmonic Distortion
F
O=350Hz, 0dBm
THD
-96
-87
-80
dB
Frequency Response
Photoconductive
Operation
BW (-3dB)
-
200
-
kHz
Photovoltaic
Operation
BW (-3dB)
-
-
40
kHz
Input/Output Capacitance
-
C
I/O
-3
-
pF
Input/Output Isolation
SOIC Package
-
V
I/O
3750
-
-
V
RMS
1 All parameters above are for each optocoupler.
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
100
mA
Peak (10ms)
-
-
1
A
Total Package Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
SOIC Package
3750
-
-
V
RMS
Operational Temperature
-40
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
-
-
+220
°C
(10 Seconds Max)
Flatpack Package
-
-
+260
°C
1 Derate Linearly 1.33 mW/°C
2 Derate Linearly 6.67 mW/°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com