Electronic Components Datasheet Search
  English  ▼

X  

LOC211 Datasheet(PDF) 3 Page - Clare, Inc.

Part # LOC211
Description  Linear Optocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC211 Datasheet(HTML) 3 Page - Clare, Inc.

  LOC211 Datasheet HTML 1Page - Clare, Inc. LOC211 Datasheet HTML 2Page - Clare, Inc. LOC211 Datasheet HTML 3Page - Clare, Inc. LOC211 Datasheet HTML 4Page - Clare, Inc. LOC211 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LOC211
www.clare.com
Rev. 3
3
Performance Data
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LOC210/LOC211
LED Current (IF) vs.
LED Forward Voltage (VF)
LED Forward Voltage (V)
1
35
30
25
20
15
10
5
0
1.1
1.2
1.3
1.4
LOC210/LOC211
LED Current (IF) vs.
LED Forward Voltage (VF)
LED Forward Voltage (V)
1
100
10
1
0.1
1.1
1.2
1.3
1.4
LOC210/LOC211
Servo Gain vs.
LED Current & Temperature
LED Current (mA)
0
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
24
68
12
10
0
°C
25
°C
50
°C
70
°C
85
°C
LOC210/LOC211
Servo-Photocurrent vs.
LED Current & Temperature
LED Current (mA)
140
120
100
80
60
40
20
0
02
4
68
12
10
0
°C
25
°C
50
°C
70
°C
85
°C
LOC210/LOC211
Normalized Servo-Photocurrent vs.
LED Current & Temperature
LED Current (mA)
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
02
4
68
12
10
0
°C
25
°C
50
°C
70
°C
85
°C
LOC210/LOC211
Typical LED Forward Voltage Drop vs.
Temperature
Temperature (
°C)
-40
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
-15
10
35
60
85
10mA
20mA
5mA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com