Electronic Components Datasheet Search
  English  ▼

X  

M8870 Datasheet(PDF) 2 Page - Clare, Inc.

Part # M8870
Description  DTMF Receiver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

M8870 Datasheet(HTML) 2 Page - Clare, Inc.

  M8870 Datasheet HTML 1Page - Clare, Inc. M8870 Datasheet HTML 2Page - Clare, Inc. M8870 Datasheet HTML 3Page - Clare, Inc. M8870 Datasheet HTML 4Page - Clare, Inc. M8870 Datasheet HTML 5Page - Clare, Inc. M8870 Datasheet HTML 6Page - Clare, Inc. M8870 Datasheet HTML 7Page - Clare, Inc. M8870 Datasheet HTML 8Page - Clare, Inc. M8870 Datasheet HTML 9Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Operating Characteristics - Gain Setting Amplifier
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Input leakage current
I
N
-
± 100
-
nA
V
SS < VIN < VDD
Input resistance
R
IN
4-
-
M
Ω
-
Input offset voltage
V
OS
-± 25
-
mV
-
Power supply rejection
PSRR
50
-
-
dB
1 KHz
Common mode rejection
CMRR
55
-
-
dB
-3.0V < V
IN < 3.0V
DC open loop voltage gain
A
VOL
60
-
-
dB
-
Open loop unity gain bandwidth
f
C
1.2
1.5
-
MHz
-
Output voltage swing
V
O
3.5
-
-
V
P-P
RL
≈ 100 KΩ to V
SS
Tolerable capacitive load (GS)
C
L
-
-
100
pF
-
Tolerable resistive load (GS)
R
L
--
50
k
Ω
-
Common mode range
V
CM
2.5
-
-
V
P-P
No load
*Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Notes:
1. All voltages referenced to V
SS unless otherwise noted. For typical values, VDD = 5.0V, VSS = 0V, TA = 25°C.
DC Characteristics
Parameter
Symbol
Min
Typ
Max
Units
Test Conditions
Operating supply voltage
V
DD
4.75
-
5.25
V
-
Operating supply current
I
DD
-
3.0
7.0
mA
-
Standby supply current (see Note 3)
I
DDQ
-
-
100
µA
PD=V
DD
Power consumption
P
O
-
15
35
mW
f = 3.579 MHz, V
DD = 5.0 V
Low level input voltage
V
IL
-
-
1.5
V
-
High level input voltage
V
IH
3.5
-
-
V
-
Input leakage current
I
IH/IIL
-
0.1
-
µA
V
IN = VSS or VDD (see Note 2)
Pullup (source) current on OE
I
SO
-
6.5
15.0
µA
OE = 0 V
Input impedance, signal inputs 1, 2
R
IN
810
-
m
Ω
@ 1 kHz
Steering threshold voltage
V
TSt
2.2
-
2.5
V
-
Low level output voltage
V
OL
-
-
0.03
V
No load
High level output voltage
V
OH
V
DD - 0.03
-
-
V
No load
Output low (sink) current
I
OL
1.0
2.5
-
mA
V
OUT = 0.4 V
Output high (source) current
I
OH
0.4
0.8
-
mA
V
OUT = VDD - 0.4 V
Output voltage V
REF
V
REF
2.4
-
2.7
V
No load
Output resistance V
REF
R
OR
-10
-
k
Ω
-
*Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing.
Absolute Maximum Ratings
Parameter
Symbol
Value
Power supply voltage (V
DD - VSS)VDD
6.0 V max
Voltage on any pin
V
DC
V
SS -0.3, VDD +0.3
Current on any pin
I
DD
10 mA max
Operating temperature
T
A
-40°C to + 85°C
Storage temperature
T
S
-65°C to + 150°C
Note:
Exceeding these ratings may cause permanent damage. Functional operation under
these conditions is not implied.
www.clare.com
2
M-8870
Rev. 3
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure of
the device to the absolute maximum ratings for an extend-
ed period may degrade the device and effect its reliability.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com