Electronic Components Datasheet Search
  English  ▼

X  

PAA110PL Datasheet(PDF) 3 Page - Clare, Inc.

Part # PAA110PL
Description  DUAL POLE OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA110PL Datasheet(HTML) 3 Page - Clare, Inc.

  PAA110PL Datasheet HTML 1Page - Clare, Inc. PAA110PL Datasheet HTML 2Page - Clare, Inc. PAA110PL Datasheet HTML 3Page - Clare, Inc. PAA110PL Datasheet HTML 4Page - Clare, Inc. PAA110PL Datasheet HTML 5Page - Clare, Inc. PAA110PL Datasheet HTML 6Page - Clare, Inc. PAA110PL Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAA110L
www.clare.com
Rev. 4
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
PAA110L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
PAA110L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; IF = 5mADC)
35
30
25
20
15
10
5
0
18.5
20.5
22.5
17.5
19.5
21.5
On-Resistance (
Ω)
PAA110L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
448
456
480
488
Blocking Voltage (V)
464
472
PAA110L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC)
1.25
1.85
2.45
1.55
2.15
2.75
LED Current (mA)
25
20
15
10
5
0
PAA110L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
0.95
1.55
2.15
1.25
1.85
2.45
LED Current (mA)
PAA110L
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; IF = 5mADC)
0.21
0.33
0.45
0.15
0.27
0.39
Turn-On (ms)
25
20
15
10
5
0
PAA110L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 150mADC; IF = 5mADC)
0.045
0.052
0.059
0.066
0.073
Turn-Off (ms)
25
20
15
10
5
0
PAA110L
Typical Load Current vs. Temperature
Temperature (
°C)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
20mA
10mA
5mA
PAA110L
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
PAA110L
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
490
485
480
475
470
465
460
455
450
445
-20
0
20
40
60
80
100
PAA110L
Typical Turn-On vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
5mA
10mA
20mA
-40
-20
0
20
40
60
80
100
1.50
1.25
1.00
0.75
0.50
0.25
0
PAA110L
Typical Turn-Off vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
5mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com