Electronic Components Datasheet Search
  English  ▼

X  

MN2339 Datasheet(PDF) 3 Page - Clare, Inc.

Part # MN2339
Description  Mini-Dyad
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

MN2339 Datasheet(HTML) 3 Page - Clare, Inc.

  MN2339 Datasheet HTML 1Page - Clare, Inc. MN2339 Datasheet HTML 2Page - Clare, Inc. MN2339 Datasheet HTML 3Page - Clare, Inc. MN2339 Datasheet HTML 4Page - Clare, Inc. MN2339 Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MN2
www.clare.com
Rev. 2
Mini-DYAD™
Performance Data*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications,
please contact our application department.
Recommended Pad Sizes
Mechanical Dimensions
Dimensions
mm
(inches)
Mini-Dyad™
3
Mini-DYAD™
Operate Shift After Lead Trim
Overall Length in Inches
50
40
30
20
10
0
.722
.910
1.036
1.125
1.355
Mini-DYAD™
Operate NI vs. Release NI
Test Coil: NARM 1; Full Length Terminals
Operate NI
10
12
10
8
18
20
16
14
6
4
2
0
11 12 13 14 15 16 17 18 19 20 21
Minimum
Maximum
Mini-DYAD™
Capacitance Across Open Contacts
Capacitance (pF)
.20
30
20
50
40
10
0
.21 .22 .23 .24 .25 .26 .27 .28 .29 .30
Mini-DYAD™
Typical Contact Resistance
10V, 10mA Resistive Load
Operations (Millions)
0
60
70
50
40
30
20
10
0
10 20 30 40 50 60 70 80 90 100
Mini-DYAD™
Contact Resistance Throughout Life
50V, 100mA Resistive Load
Operations (Thousands)

!
!#
"
"#
#

#

#

 " $ % &    "
Mini-DYAD™
34.54 MAX.
(1.360)
12.34
(0.486)
2.29 MAX.
(0.090)
2.54 MAX.
(0.100)
2.80 MAX.
(0.110)
1.32 MAX.
(0.052)
10.00 MAX.
(0.395)
0.18
(0.007)
+ 7o
Mini-DYAD™ SMT
13.84
(0.545)
1.02
(0.040)
0.38 MAX.
(R 0.015)
4 PLACES
16.25 MAX.
(0.640)
1.52
(0.060)
MAX. TWIST ALLOWED
TYP. BOTH ENDS
1.32 MAX.
(0.052)
2.90 MAX.
(0.114)
2.80 MAX.
(0.110)
10.00 MAX.
(0.395)
0.13 MIN.
(0.005)
+ 10o
+ 5o
Mini DyadTM SMT
12.32 MAX.
(0.490)
2.79
(0.110)
2.62
(0.100)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com