Electronic Components Datasheet Search
  English  ▼

X  

MBR1045C Datasheet(PDF) 1 Page - Unisonic Technologies

Part # MBR1045C
Description  10A SCHOTTKY BARRIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MBR1045C Datasheet(HTML) 1 Page - Unisonic Technologies

  MBR1045C Datasheet HTML 1Page - Unisonic Technologies MBR1045C Datasheet HTML 2Page - Unisonic Technologies MBR1045C Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
MBR1045C
Preliminary
DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
Ver.a
10A SCHOTTKY BARRIER
RECTIFIER
DESCRIPTION
The UTC MBR1045C is a Schottky Barrier Rectifier with high
efficiency, low power dissipation and high current capacity. It can
be applied in high frequency, low voltage inverters, polarity
protection and free wheeling applications.
FEATURES
* High surge capability
* High efficiency, low power dissipation, high current capability, low
forward voltage drop
* Guardring for overvoltage protection
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
MBR1045CL-TA3-T
MBR1045CG-TA3-T
TO-220
A
K
A
Tube
Note: Pin Assignment: A: Anode K: Cathode
MBR1045CL-TA3-T
(1)Packing Type
(2)Package Type
(1) T: Tube
(2) TA3: TO-220
(3) L: Lead Free, G: Halogen Free
(3)Lead Free


Similar Part No. - MBR1045C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MBR1045C RECTRON-MBR1045C Datasheet
316Kb / 5P
SCHOTTKY BARRIER RECTIFIER
logo
SHIKUES Electronics
MBR1045C-T SKTECHNOLGY-MBR1045C-T Datasheet
371Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
MBR1045C-TF SKTECHNOLGY-MBR1045C-TF Datasheet
371Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR1045C-Y TSC-MBR1045C-Y Datasheet
202Kb / 4P
Dual Common Cathode Schottky Rectifier
logo
Thinki Semiconductor Co...
MBR1045CA THINKISEMI-MBR1045CA Datasheet
747Kb / 2P
10.0 Ampere Dual Common Anode Schottky Barrier Rectifier Diodes
More results

Similar Description - MBR1045C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBL1030 DIODES-SBL1030 Datasheet
65Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
DS23042 Rev. C-2
PDS1040 DIODES-PDS1040 Datasheet
86Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
DS30538 Rev. 4 - 2
logo
Won-Top Electronics
SB1020F WTE-SB1020F_06 Datasheet
50Kb / 4P
10A SCHOTTKY BARRIER RECTIFIER
SD1030 WTE-SD1030_08 Datasheet
68Kb / 4P
10A SCHOTTKY BARRIER DIODE
logo
Unisonic Technologies
MBR1040C UTC-MBR1040C Datasheet
128Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1040 KERSEMI-MBR1040 Datasheet
428Kb / 2P
10A SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1020 YEASHIN-SB1020 Datasheet
757Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020F YEASHIN-SB1020F Datasheet
776Kb / 3P
10A SCHOTTKY BARRIER RECTIFIER
SB1020FCT YEASHIN-SB1020FCT Datasheet
1Mb / 4P
10A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRB10200CT DIODES-MBRB10200CT_15 Datasheet
463Kb / 6P
10A SCHOTTKY BARRIER RECTIFIER
Rev 3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com