Electronic Components Datasheet Search
  English  ▼

X  

PD2401 Datasheet(PDF) 1 Page - Clare, Inc.

Part # PD2401
Description  AC Solid State Relays
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PD2401 Datasheet(HTML) 1 Page - Clare, Inc.

  PD2401 Datasheet HTML 1Page - Clare, Inc. PD2401 Datasheet HTML 2Page - Clare, Inc. PD2401 Datasheet HTML 3Page - Clare, Inc. PD2401 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.clare.com
PD2401
DS-PD2401-R9
The PD2401 is an AC Solid State Switch using optical
coupling with dual power SCR outputs to produce an
alternative to optocoupler and Triac circuits. The PD2401
switches are robust enough to provide a blocking voltage
of up to 500V and max surge current rating of 20A. In
addition, tightly controlled zero cross circuitry ensures
switching of AC loads without the generation of tran-
sients. The input and output circuits are optically coupled
to provide 3750V of isolation and noise immunity
between control and load circuits. As a result the PD2401
is well suited for industrial environments where electro-
magnetic interference would disrupt the operation of
electromechanical relays.
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contractors
• Large Relays
• Solenoids
• Motors
• Heaters
• UL recognized file #: E69938
• CSA certified file #: LR 43639-8
• Load Current up to 1A
• Blocking Voltage to 600V
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• VDE compatible
• Machine Insertable, Wave Solderable
Applications
Features
Description
Approvals
AC Solid State Relays
Ordering Information
Part #
Description
PD2401
16 Pin DIP (25/Tube)
Pin Configuration
PD2401
Units
AC Operating
Voltage
120
V
RMS
Load Current
1
A
On-State
V
RMS
Voltage Drop
1.2
(A
T IL = IA)
PD2401 Pinout
16
1
10
+ LED
AC Load
Ð LED
AC Load
8
ZC


Similar Part No. - PD2401

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD2401 CLARE-PD2401 Datasheet
101Kb / 5P
AC Solid State Relays
logo
IXYS Corporation
PD2401 IXYS-PD2401 Datasheet
97Kb / 5P
Zero-Crossing Detection
logo
Littelfuse
PD2401 LITTELFUSE-PD2401 Datasheet
149Kb / 5P
AC Solid State Relays
11/18/2025
logo
IXYS Corporation
PD2401X2 IXYS-PD2401X2 Datasheet
91Kb / 5P
PD2401 AC Solid State Relays
logo
Clare, Inc.
PD2401 CLARE-PD2401_10 Datasheet
101Kb / 5P
AC Solid State Relays
More results

Similar Description - PD2401

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PD1201 CLARE-PD1201 Datasheet
321Kb / 4P
AC Solid State Relays
PD2601 CLARE-PD2601 Datasheet
400Kb / 4P
AC Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
Clare, Inc.
CPC1961 CLARE-CPC1961_11 Datasheet
127Kb / 7P
Dual AC Solid State Relays
PD2401 CLARE-PD2401_10 Datasheet
101Kb / 5P
AC Solid State Relays
PD2601 CLARE-PD2601_10 Datasheet
101Kb / 5P
AC Solid State Relays
logo
IXYS Corporation
PD2401X2 IXYS-PD2401X2 Datasheet
91Kb / 5P
PD2401 AC Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com