Electronic Components Datasheet Search
  English  ▼

X  

PBB150STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # PBB150STR
Description  DUAL POLE OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PBB150STR Datasheet(HTML) 1 Page - Clare, Inc.

  PBB150STR Datasheet HTML 1Page - Clare, Inc. PBB150STR Datasheet HTML 2Page - Clare, Inc. PBB150STR Datasheet HTML 3Page - Clare, Inc. PBB150STR Datasheet HTML 4Page - Clare, Inc. PBB150STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.clare.com
PBB150
DS-PBB150-R3
DUAL POLE OptoMOS Relay
Applications
Features
Description
Approvals
Ordering Information
PBB150
Units
Load Voltage
250
V
Load Current
250
mA
Max R
ON
7
Ω
Pin Configuration
PBB150 is a 250V, 250mA, 7
Ω 2-Form-B relay. This per-
formance leader provides very low on-resistance.
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified:
• BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
• BS EN 41003:1993
Certificate #:7344
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
1
2
3
4
8
7
6
5
+ Control - Switch #1
Ð Control - Switch #1
+ Control - Switch #2
Ð Control - Switch #2
Load - Switch #1
AC/DC Configuration
Load - Switch #1
Load - Switch #2
Load - Switch #2
PBB150 Pinout
Part #
Description
PBB150
8 Pin DIP (50/Tube)
PBB150P
8 Pin Flatpack (50/Tube)
PBB150PTR
8 Pin Flatpack (1000/Reel)
PBB150S
8 Pin Surface Mount (50/Tube)
PBB150STR
8 Pin Surface Mount (1000/Reel)


Similar Part No. - PBB150STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PBB150STR IXYS-PBB150STR Datasheet
117Kb / 5P
Dual Single-Pole, Normally Closed OptoMOS Relay
logo
Littelfuse
PBB150STR LITTELFUSE-PBB150STR Datasheet
200Kb / 5P
250V, 250mA Dual Single-Pole
11/18/2025
More results

Similar Description - PBB150STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA100L CLARE-LAA100L Datasheet
130Kb / 5P
DUAL POLE OptoMOS Relay
LAA120L CLARE-LAA120L Datasheet
147Kb / 7P
DUAL POLE OptoMOS Relay
LAA126 CLARE-LAA126 Datasheet
86Kb / 6P
Dual Pole OptoMOS Relay
LAA127 CLARE-LAA127 Datasheet
113Kb / 7P
DUAL POLE OptoMOS Relay
LAA127L CLARE-LAA127L Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
LBA110 CLARE-LBA110 Datasheet
126Kb / 8P
DUAL POLE OptoMOS Relay
LBA120 CLARE-LBA120 Datasheet
125Kb / 8P
DUAL POLE OptoMOS Relay
LBB110 CLARE-LBB110 Datasheet
149Kb / 7P
DUAL POLE OptoMOS Relay
PAA150 CLARE-PAA150 Datasheet
111Kb / 5P
DUAL POLE OptoMOS Relay
XAA170 CLARE-XAA170 Datasheet
117Kb / 7P
DUAL POLE OptoMOS Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com