Electronic Components Datasheet Search
  English  ▼

X  

PLA110 Datasheet(PDF) 4 Page - Clare, Inc.

Part # PLA110
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA110 Datasheet(HTML) 4 Page - Clare, Inc.

  PLA110 Datasheet HTML 1Page - Clare, Inc. PLA110 Datasheet HTML 2Page - Clare, Inc. PLA110 Datasheet HTML 3Page - Clare, Inc. PLA110 Datasheet HTML 4Page - Clare, Inc. PLA110 Datasheet HTML 5Page - Clare, Inc. PLA110 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
PLA110
Rev. 5
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
PLA110
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40 -20
0
20
40
60
80
120
100
50mA
10mA
5mA
PLA110
Typical Turn-On vs. LED Forward Current
(Load Current = 150mADC)
Forward Current (mA)
0
5
1015202530354045
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
50
PLA110
Typical Turn-Off vs. LED Forward Current
(Load Current = 150mADC)
Forward Current (mA)
0
5
1015202530354045
0.12
0.10
0.08
0.06
0.04
0.02
0
50
PLA110
Typical IF for Switch Operation
vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
PLA110
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
PLA110
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5
0
1.5
1.0
0.5
2.0 2.5
PLA110
Energy Rating Curve
Time
10
µs
1.2
1.0
0.8
0.6
0.4
0.2
0
1ms
100
µs
100ms
1s
10ms
10s
100s
PLA110
Typical Turn-On vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
0.6
0.5
0.4
0.3
0.2
0.1
0
-20
0
20
40
60
80
120
100
5mA
10mA
PLA110
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
0.3
0.25
0.2
0.15
0.1
0.05
-20
0
20
40
60
80
100
IF=5mA
PLA110
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
480
475
470
465
460
455
450
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com