Electronic Components Datasheet Search
  English  ▼

X  

GSB550 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GSB550
Description  Two-Piece - Inner sleeve Copper Grounding Connector for shielded and coaxial cables, Inner Diameter .55, Length 5/16 inch, Blue
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GSB550 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GSB550 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Two-Piece - Inner sleeve
T&B Catalog Number:
GSB550
UPC Number:
78621081330
Status:
Active
Description:
Two-Piece - Inner sleeve Copper Grounding Connector for shielded and
coaxial cables, Inner Diameter .55, Length 5/16 inch, Blue
Features
Shielded cable grounding system made of 2 cylin-
drical sleeves (inner sleeve + outer sleeve), for sol-
derless crimp connection. Inner sleeve for the Cir-
cular Range (the corresponding outer sleeve is
crimped with a hydraulic head and the result is a
circular-shaped crimp), for grounding multiple or
overall shielded cables. The sleeves are color cod-
ed according to their size. Applications in communi-
cations, aerospace, and electronics.
General
Material
Copper alloy ASTM B135
Finish
Electro-Tin plated (per MIL-T-102727A)
Color
Blue
Associated Outer Sleeve
GSC710
Dimension Information
Length (inches)
.598
Length (mm)
15.2
Inner Diameter (inches)
.550
Inner Diameter (mm)
13.97
Outer Diameter (inches)
.620
Outer Diameter (mm)
15.75
Packaging
T&B Order Multiple
50
T&B Inner Pack
50
Package in Units
250
T&B Sold in UOM
Each
T&B Weight Per UOM
1.4 lbs. per 100
Application Support
Overview
Available on Website
Installation Overview
Available on Website
Certifications
RoHS Compliance
Yes
For further technical assistance, please contact us...
Thomas & Betts - USA
8155 T&B Blvd.
Memphis, TN 38125
www.tnb.com
T&B Technical Support
MS 3B-50
8155 T&B Blvd.
Memphis, TN 38125
Hours: 7AM - 6PM CDT
Monday-Friday
Phone: (888) 862-3289
Fax: (901) 252-1321
Email:techsupport@tnb.com


Similar Part No. - GSB550

ManufacturerPart #DatasheetDescription
logo
Bosch Sensortec GmbH
GSB 1600RE BOSCH-GSB 1600RE Datasheet
29Kb / 1P
Impact Drills
GSB 20-2 BOSCH-GSB 20-2 Datasheet
2Mb / 5P
GSB 20-2 GSB 20-2 RE PROFESSIONAL
GSB 20-2 RE BOSCH-GSB 20-2 RE Datasheet
2Mb / 5P
GSB 20-2 GSB 20-2 RE PROFESSIONAL
GSB 36 V-LI BOSCH-GSB 36 V-LI Datasheet
30Kb / 1P
36V Combi Drill - Cordless
logo
List of Unclassifed Man...
GSB-046 ETC2-GSB-046 Datasheet
110Kb / 3P
Two-Piece Grounding Connectors for Shielded and Coaxial Cable
More results

Similar Description - GSB550

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
M25P10K4F1 JAE-M25P10K4F1 Datasheet
137Kb / 1P
PIN INNER CONTACT
logo
List of Unclassifed Man...
GSC175 ETC2-GSC175 Datasheet
35Kb / 2P
Two-Piece - Outer sleeve
GSC-261 ETC2-GSC-261 Datasheet
110Kb / 3P
Two-Piece Grounding Connectors for Shielded and Coaxial Cable
logo
Pasternack Enterprises,...
PE91137 PASTERNACK-PE91137 Datasheet
345Kb / 3P
Inner Conductor Material and Plating
logo
Molex Electronics Ltd.
0669024700 MOLEX11-0669024700 Datasheet
50Kb / 1P
Soldering Fixture for Imperium Inner Ferrules for 1/0 and 1 AWG cables
logo
TOKYO SEIMITSU CO., LTD
BG-140 ACCRETECH-BG-140 Datasheet
173Kb / 1P
Inner-Diameter Measuring Heads for Post-Process
PULCOM-BG ACCRETECH-PULCOM-BG Datasheet
452Kb / 6P
Inner-Diameter Measuring Head for Post-Process
RF-05A ACCRETECH-RF-05A Datasheet
205Kb / 2P
Measuring Heads for Small-Diameter Inner-Surface Grinders
logo
PHOENIX CONTACT
1688065 PHOENIX-1688065 Datasheet
54Kb / 3P
D-SUB EMC inner sleeve - VS-15-TI-2EMV
09/11/2020
logo
FIBOX Enclosing innovat...
8120710 FIBOX-8120710 Datasheet
39Kb / 1P
Inner door set
24.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com