Electronic Components Datasheet Search
  English  ▼

X  

PLA134STR Datasheet(PDF) 4 Page - Clare, Inc.

Part # PLA134STR
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA134STR Datasheet(HTML) 4 Page - Clare, Inc.

  PLA134STR Datasheet HTML 1Page - Clare, Inc. PLA134STR Datasheet HTML 2Page - Clare, Inc. PLA134STR Datasheet HTML 3Page - Clare, Inc. PLA134STR Datasheet HTML 4Page - Clare, Inc. PLA134STR Datasheet HTML 5Page - Clare, Inc. PLA134STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
PLA134
Rev. 2
PLA134
Typical Turn-Off vs. Temperature
(Load Current = 200mADC)
Temperature (
°C)
-40
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0
-20
0
20
40
60
80
100
5mA
Performance Data*
PLA134
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
10mA
5mA
PLA134
Typical Turn-On vs. LED Forward Current
(Load Current = 200mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.3
0.25
0.2
0.15
0.1
0.05
0
50
PLA134
Typical Turn-Off vs. LED Forward Current
(Load Current = 200mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.20
0.18
0.16
0.14
0.12
0.10
0.08
0.06
0.04
0.02
0
50
PLA134
Typical On-Resistance vs. Temperature
(Load Current = Max. Rated at Temperature)
AC/DC Configuration
Temperature (
°C)
-40
6
5
4
3
2
1
0
-20
0
20
40
60
80
100
5mA
10mA
5mA Instantaneous
PLA134
Typical IF for Switch Operation
vs. Temperature
(Load Current = 200mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
PLA134
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 200mADC)
Temperature (
°C)
-40
3.000
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
PLA134
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
400
300
200
100
0
-100
-200
-300
-400
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
PLA134
Energy Rating Curve
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10
µs
1ms
100ms
10s
100
µs
10ms
1s
100s
PLA134
Typical On-Resistance vs. Temperature
(Load Current = Max. Rated at Temperature)
DC Configuration
Temperature (
°C)
-40
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
5mA
10mA
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications,
please contact our application department.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com