Electronic Components Datasheet Search
  English  ▼

X  

PLA143STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # PLA143STR
Description  Single Pole OptoMOS Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA143STR Datasheet(HTML) 1 Page - Clare, Inc.

  PLA143STR Datasheet HTML 1Page - Clare, Inc. PLA143STR Datasheet HTML 2Page - Clare, Inc. PLA143STR Datasheet HTML 3Page - Clare, Inc. PLA143STR Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.clare.com
PLA143
DS-PLA143-R3
The PLA143 is a 1-Form-A solid state relay which uses
optically coupled MOSFET technology to provide en-
hanced input to output isolation of 4000V. The efficient
MOSFET switches and photovoltaic die use Clare’s patent-
ed OptoMOS® architecture. The optically-coupled input is
controlled by a highly efficient GaAIAs infrared LED. The
PLA143 can be used to replace mechanical relays and
offers the superior reliability associated with semiconductor
devices. Because they have no moving parts, they can
offer faster, bounce-free switching in a more compact sur-
face mount or through hole package.
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment—Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified to:
• BS EN 60950:1992 (BS7002:1992)
Certificate #: 7344 (to 3750 volts)
• BS EN 41003:1993
Certificate #: 7344
• Small 6 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 4000V
RMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• 600 volt blocking
Applications
Features
Description
Approvals
Single Pole OptoMOS® Relay
Ordering Information
Part #
Description
PLA143
6 Pin Dip (50/Tube)
PLA143S
6 Pin Surface Mount (50/Tube)
PLA143STR
6 Pin Surface Mount (1000/Reel)
PLA143
Units
Load Voltage
600
V
Load Current
100
mA
Max R
ON
50
Ω
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
3
2
4
5
6
+ Control
– Control
NC
Load
Do Not Use
Load
AC/DC Configuration
PLA143 Pinout
1
3
2
4
5
6
+ Control
– Control
NC
+ Load
– Load
DC Only Configuration
PLA143 Pinout


Similar Part No. - PLA143STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLA143 IXYS-PLA143 Datasheet
122Kb / 7P
Single Pole OptoMOS Relay
More results

Similar Description - PLA143STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
Single Pole OptoMOS Relay
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com