Electronic Components Datasheet Search
  English  ▼

X  

PLA190STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # PLA190STR
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA190STR Datasheet(HTML) 1 Page - Clare, Inc.

  PLA190STR Datasheet HTML 1Page - Clare, Inc. PLA190STR Datasheet HTML 2Page - Clare, Inc. PLA190STR Datasheet HTML 3Page - Clare, Inc. PLA190STR Datasheet HTML 4Page - Clare, Inc. PLA190STR Datasheet HTML 5Page - Clare, Inc. PLA190STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
PLA190
DS-PLA190-R1
The PLA190 is a 1-Form-A solid state relay that uses opti-
cally coupled relay technology to provide an enhanced
5000V isolation barrier between the input and output of the
relay. The efficient MOSFET switches use Clares patented
OptoMOS architecture. The optically coupled input is con-
trolled by a highly efficient GaAIAs infrared LED.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Approved to UL1577
• CSA Certified
• Complies with EN60950
• 5000VRMS Input/Output Isolation
• Small 6 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
Applications
Features
Description
Approvals
Single Pole OptoMOS® Relay
Ordering Information
Part #
Description
PLA190
6 Pin Dip (50/Tube)
PLA190S
6 Pin Surface Mount (50/Tube)
PLA190STR
6 Pin Surface Mount (1000/Reel)
PLA190
Units
Load Voltage
400
V
Load Current
150
mA
Max R
ON
22
Ω
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
3
2
4
5
6
+ Control
Ð Control
NC
Load
Do Not Use
Load
AC/DC Configuration
PLA190 Pinout
1
3
2
4
5
6
+ Control
Ð Control
NC
+ Load
Ð Load
DC Only Configuration
PLA190 Pinout


Similar Part No. - PLA190STR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
PLA190 IXYS-PLA190 Datasheet
125Kb / 7P
Single Pole OptoMOS Relay
More results

Similar Description - PLA190STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA100 CLARE-LCA100 Datasheet
102Kb / 6P
Single Pole OptoMOS Relay
LCA120 CLARE-LCA120 Datasheet
153Kb / 6P
Single Pole OptoMOS Relay
LCA125L CLARE-LCA125L Datasheet
101Kb / 6P
Single Pole OptoMOS Relay
LCB111 CLARE-LCB111 Datasheet
66Kb / 4P
Single Pole OptoMOS Relay
PLA193 CLARE-PLA193 Datasheet
392Kb / 4P
Single Pole OptoMOS Relay
PLB150 CLARE-PLB150 Datasheet
71Kb / 4P
SINGLE POLE OptoMOS Relay
TS122 CLARE-TS122 Datasheet
120Kb / 8P
Single Pole OptoMOS Relay
XCA170 CLARE-XCA170 Datasheet
99Kb / 7P
SINGLE POLE OptoMOS Relay
LCA715 CLARE-LCA715 Datasheet
899Kb / 5P
Single Pole OptoMOS Relay
logo
IXYS Corporation
LCA100L IXYS-LCA100L Datasheet
122Kb / 7P
Single-Pole OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com