Electronic Components Datasheet Search
  English  ▼

X  

PLB150S Datasheet(PDF) 3 Page - Clare, Inc.

Part # PLB150S
Description  SINGLE POLE OptoMOS Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLB150S Datasheet(HTML) 3 Page - Clare, Inc.

  PLB150S Datasheet HTML 1Page - Clare, Inc. PLB150S Datasheet HTML 2Page - Clare, Inc. PLB150S Datasheet HTML 3Page - Clare, Inc. PLB150S Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PLB150
www.clare.com
Rev. 3
3
Dimensions
mm
(inches)
Mechanical Dimensions
PC Board Pattern
(Top View)
2.540
± .127
(.100
± .005)
8.305
± .127
(.327
± .005)
1.905
± .127
(.075
± .005)
1.499
± .127
4.445
± .127
(.175
± .005)
3.302
(.130)
7.620
± .254
(.300
± .010)
6.350
± .127
(.250
± .005)
8.382
± .635
(.330
± .025)
2.540
± .127
(.100
± .005)
9.525
± .254
(.375
± .010)
.457
± .076
(.018
± .003)
.254 TYP.
(.010)
.635 TYP.
(.025)
6 Pin DIP Surface Mount (“S” Suffix)
PC Board Pattern
(Top View)
6.350
± .127
(.250
± .005)
2.540
± .127
(.100
± .005)
7.620
± .127
(.300
± .005)
5.080
± .127
(.200
± .005)
6-.800 DIA.
(6-.031 DIA.)
6.350
± .127
(.250
± .005)
8.382
± .635
(.330
± .025)
2.540
± .127
(.100
± .005)
9.144
(.360)
.457
± .076
(.018
± .003)
6 Pin DIP Through Hole (Standard)
7.239 TYP.
(.285)
3.302
(.130)
7.620
± .254
(.300
± .010)
9.144
± .508
(.360
± .020)
Tape and Reel Packaging for 6 Pin Surface Mount Package
7.493
± .102
(.295
± .004)
12.090
(.476)
330.2 DIA.
(13.00)
1.753
± .102
(.069
± .004)
3.987
± .102
(.157
± .004)
1.498
± .102
(.059
± .004)
6.731 MAX.
(.265)
.406 MAX.
(.016)
4.877
(.192)
Top Cover
Tape
2.007
± .102
(.079
± .004)
11.989
± .102
(.472
± .004)
User Direction of Feed
.050R TYP.
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.102 MAX.
(.004)
10.100
± .102
(.398
± .004)
16



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com