Electronic Components Datasheet Search
  English  ▼

X  

PM1204STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # PM1204STR
Description  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PM1204STR Datasheet(HTML) 1 Page - Clare, Inc.

  PM1204STR Datasheet HTML 1Page - Clare, Inc. PM1204STR Datasheet HTML 2Page - Clare, Inc. PM1204STR Datasheet HTML 3Page - Clare, Inc. PM1204STR Datasheet HTML 4Page - Clare, Inc. PM1204STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.clare.com
PM1204
DS-PM1204-R6
The PM1204 is a AC Solid State Switch using optical cou-
pling with dual power SCR outputs to produce an alter-
native to optocoupler and Triac circuits. The PM1204
switches are robust enough to provide a blocking voltage
of up to 400V. In addition, tightly controlled zero cross cir-
cuitry ensures switching of AC loads without the genera-
tion of transients. The input and output circuits are
optically coupled to provide 3750V of isolation and noise
immunity between control and load circuits. As a result
the PM1204 is well suited for industrial environments
where electromagnetic interference could disrupt the
operation of electromechanical relays.
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contractors
• Large Relays
• Solenoids
• Motors
• Heaters
• UL recognized file #: E69938
• CSA certified file #: LR 43639-8
• Load Current up to 0.5A
• 400V Blocking Voltage
• 5mA Sensitivity
• Zero-Crossing Detection
• DC Control, AC Output
• Optically Isolated
• TTL and CMOS Compatible
• Low EMI and RFI Generation
• High Noise Immunity
• VDE compatible
• Machine Insertable, Wave Solderable
Applications
Features
Description
Approvals
AC Power Switch
Ordering Information
Part #
Description
PM1204
6 Pin Dip (50/Tube)
PM1204S
6 Pin Surface Mount (50/Tube)
PM1204STR
6 Pin Surface Mount Tape & Reel
PM1204
Units
AC Operating
120
V
Voltage
Load Current
500
mA
On State
1.4
V
RMS
Voltage Drop
(at I
L = 500 mA)
Pin Configuration
PM1204 Pinout
ZC
1
3
2
4
5
6
AC Load
AC Load
Ð LED
+ LED


Similar Part No. - PM1204STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1204STR CLARE-PM1204STR Datasheet
120Kb / 6P
AC Power Switch
logo
IXYS Corporation
PM1204STR IXYS-PM1204STR Datasheet
113Kb / 6P
Zero-Crossing Detection
More results

Similar Description - PM1204STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
AC power switch
04-Jul-2007
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
AC Power Switch
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
AC Power Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com