Electronic Components Datasheet Search
  English  ▼

X  

TS112 Datasheet(PDF) 6 Page - Clare, Inc.

Part # TS112
Description  Multifunction Telecom Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS112 Datasheet(HTML) 6 Page - Clare, Inc.

  TS112 Datasheet HTML 1Page - Clare, Inc. TS112 Datasheet HTML 2Page - Clare, Inc. TS112 Datasheet HTML 3Page - Clare, Inc. TS112 Datasheet HTML 4Page - Clare, Inc. TS112 Datasheet HTML 5Page - Clare, Inc. TS112 Datasheet HTML 6Page - Clare, Inc. TS112 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
www.clare.com
6
TS112
Rev. 1
Dimensions
mm
(inches)
Mechanical Dimensions
PC Board Pattern
(Top View)
2.540
± .127
(.100
± .005)
5.080
± .127
(.200
± .005)
1.193
(.047)
.787
(.031)
.20
± .025
(.008
± .001)
2.54 TYP.
(.100 TYP.)
2.18 MAX.
(.086)
1.01
± .025
(.040
± .001)
3.81
± .05
(.150
± .002)
6.09
± .10
(.240
± .004)
.38 x 45
°
(.015 x 45
°)
.38 TYP.
(.015 TYP.)
9.34
± .20
(.368
± .008)
8 Pin SOIC Narrow (“N” Suffix)
7.49
(.295)
2.00
(.079)
12.09
(.476)
1.75
(.069)
3.99
(.157)
1.50
(.059)
6.73
(.265)
.41
(.016)
2.30
(.091)
2.70
(.106)
Top Cover
Tape
2.01
(.079)
11.99
(.472)
User Direction of Feed
.05R TYP.
16.00
(.630)
10.30
(.406)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.10 MAX.
(.004)
6.80
(.268)
6.50
(.256)
3.00
(.118)
1.55
± .102
(.061
± .004)
330.2 DIA.
(13.00)
Tape and Reel Packaging for 8 and 16 Pin Narrow SOIC Package
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com