Electronic Components Datasheet Search
  English  ▼

X  

2SA1977 Datasheet(PDF) 4 Page - NEC

Part # 2SA1977
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1977 Datasheet(HTML) 4 Page - NEC

  2SA1977 Datasheet HTML 1Page - NEC 2SA1977 Datasheet HTML 2Page - NEC 2SA1977 Datasheet HTML 3Page - NEC 2SA1977 Datasheet HTML 4Page - NEC 2SA1977 Datasheet HTML 5Page - NEC 2SA1977 Datasheet HTML 6Page - NEC 2SA1977 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
2SA1977
–0.1
–1.0
–10
–100
–1000
–0.01
–0.1
–1.0
–10
–0.1
–1.0
–10
–100
–1000
–0.01
–0.1
–1.0
–10
IC - Collector Current - mA
BASE TO EMITTER VOLTAGE vs.
COLLECTOR CURRENT
COLLECTOR AND BASE SATURATION VOLTAGE vs.
COLLECTOR CURRENT
IC = 10 • IB
VBE (S)
VCE (S)
VCE = –1 V
IC - Collector Current - mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com