Electronic Components Datasheet Search
  English  ▼

X  

2SA1977 Datasheet(PDF) 8 Page - NEC

Part # 2SA1977
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1977 Datasheet(HTML) 8 Page - NEC

  2SA1977 Datasheet HTML 1Page - NEC 2SA1977 Datasheet HTML 2Page - NEC 2SA1977 Datasheet HTML 3Page - NEC 2SA1977 Datasheet HTML 4Page - NEC 2SA1977 Datasheet HTML 5Page - NEC 2SA1977 Datasheet HTML 6Page - NEC 2SA1977 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 7 page
background image
8
2SA1977
S-PARAMETER
(VCE = 1 V, IC = 5 mA, Zo = 50
Ω)
fS11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.553
− 43.7
11.03
150.
0.423
71.2
0.666
− 25.0
200
0.460
− 78.2
8.780
129.
0.691
59.4
0.696
− 42.2
300
0.427
− 104
7.003
115.
0.857
54.4
0.556
− 52.9
400
0.393
− 123
5.700
105.
0.983
52.7
0.461
− 59.5
500
0.377
− 138
4.74
97.6
0.109
52.2
0.392
− 64.2
600
0.367
− 149
4.053
91.2
0.120
52.5
0.341
− 67.4
700
0.362
− 159
3.549
85.9
0.131
52.9
0.307
− 70.5
800
0.363
− 168
3.151
61.3
0.143
53.1
0.280
− 73.7
900
0.364
− 175
2.847
77.0
0.154
53.8
0.258
− 76.1
1000
0.365
178
2.603
73.0
0.165
54.0
0.241
− 78.8
1100
0.369
172
2.391
69.3
0.176
54.4
0.227
− 82.0
1200
0.375
166
2.219
66.8
0.188
54.2
0.217
− 84.8
1300
0.376
162
2.070
62.7
0.200
54.4
0.207
− 88.4
1400
0.384
157
1.940
59.4
0.213
54.1
0.200
− 92.0
1500
0.391
153
1.838
56.3
0.225
53.8
0.192
− 94.9
1600
0.399
149
1.744
53.5
0.238
53.4
0.188
− 99.1
1700
0.405
146
1.659
50.8
0.250
52.9
0.184
− 102
1800
0.411
142
1.584
48.2
0.264
52.3
0.184
− 107
1900
0.418
139
1.520
45.6
0.277
51.7
0.182
− 111
2000
0.423
135
1.461
43.1
0.290
51.1
0.181
− 115
2100
0.429
132
1.408
40.9
0.302
50.2
0.180
− 119
2200
0.438
130
1.361
38.6
0.314
49.4
0.182
− 125
2300
0.444
127
1.316
36.4
0.328
48.5
0.181
− 128
2400
0.450
124
1.276
34.2
0.341
47.6
0.187
− 132
2500
0.457
122
1.239
32.3
0.353
46.5
0.188
− 137



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com