Electronic Components Datasheet Search
  English  ▼

X  

2SA1977 Datasheet(PDF) 9 Page - NEC

Part # 2SA1977
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1977 Datasheet(HTML) 9 Page - NEC

  2SA1977 Datasheet HTML 1Page - NEC 2SA1977 Datasheet HTML 2Page - NEC 2SA1977 Datasheet HTML 3Page - NEC 2SA1977 Datasheet HTML 4Page - NEC 2SA1977 Datasheet HTML 5Page - NEC 2SA1977 Datasheet HTML 6Page - NEC 2SA1977 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 7 page
background image
9
2SA1977
S-PARAMETER
(VCE = 3 V, IC = 5 mA, Zo = 50
Ω)
fS11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.595
− 34.2
11.62
154.
0.0328
74.9
0.902
− 19.4
200
0.511
− 62.8
9.618
134.
0.0573
64.8
0.760
− 33.2
300
0.432
− 86.0
7.920
120.
0.0734
58.5
0.633
− 41.9
400
0.362
− 104
6.575
110.
0.0852
57.1
0.542
− 47.3
500
0.345
− 119
5.511
102.
0.0964
55.9
0.471
− 50.3
600
0.323
− 132
4.749
95.9
0.106
56.4
0.420
− 52.2
700
0.308
− 143
4.177
90.5
0.116
56.6
0.383
− 54.1
800
0.300
− 153
3.712
85.8
0.126
57.1
0.355
− 55.7
900
0.297
− 162
3.359
81.5
0.137
57.3
0.332
− 57.2
1000
0.295
− 170
3.064
77.6
0.147
57.9
0.315
− 58.9
1100
0.297
− 177
2.818
74.0
0.158
57.9
0.299
− 60.6
1200
0.300
176
2.617
70.6
0.169
58.3
0.287
− 62.1
1300
0.303
170
2.439
67.4
0.181
58.1
0.276
− 64.6
1400
0.308
164
2.284
64.2
0.192
58.1
0.266
− 66.5
1500
0.314
160
2.159
61.2
0.203
57.8
0.258
− 68.5
1600
0.322
155
2.046
58.4
0.215
57.5
0.250
− 71.4
1700
0.328
151
1.944
55.7
0.227
57.3
0.243
− 73.6
1800
0.335
147
1.855
53.0
0.240
56.5
0.241
− 76.9
1900
0.341
143
1.774
50.5
0.252
56.1
0.233
− 80.3
2000
0.349
140
1.705
48.1
0.264
55.5
0.230
− 83.1
2100
0.355
136
1.638
45.7
0.276
54.7
0.226
− 86.5
2200
0.364
133
1.583
43.5
0.289
54.2
0.222
− 90.7
2300
0.372
130
1.53
41.2
0.302
53.2
0.218
− 93.6
2400
0.378
128
1.479
39.0
0.314
52.5
0.218
− 97.5
2500
0.386
125
1.439
37.0
0.326
51.7
0.215
− 101.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com