Electronic Components Datasheet Search
  English  ▼

X  

2SA1977 Datasheet(PDF) 10 Page - NEC

Part # 2SA1977
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1977 Datasheet(HTML) 10 Page - NEC

  2SA1977 Datasheet HTML 1Page - NEC 2SA1977 Datasheet HTML 2Page - NEC 2SA1977 Datasheet HTML 3Page - NEC 2SA1977 Datasheet HTML 4Page - NEC 2SA1977 Datasheet HTML 5Page - NEC 2SA1977 Datasheet HTML 6Page - NEC 2SA1977 Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 7 page
background image
10
2SA1977
S-PARAMETER
(VCE = 8 V, IC = 5 mA, Zo = 50
Ω)
fS11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100
0.679
− 27.6
11.75
156.
0.0289
76.9
0.918
− 15.9
200
0.586
− 51.4
10.01
138.
0.0508
66.6
0.802
− 27.7
300
0.491
− 71.0
8.453
124.
0.0670
61.8
0.690
− 35.3
400
0.417
− 87.3
7.152
114.
0.0780
58.9
0.603
− 39.9
500
0.362
− 100
6.040
106.
0.0886
58.3
0.534
− 42.5
600
0.323
− 113
5.245
99.6
0.0984
57.9
0.485
− 44.0
700
0.293
− 124
4.627
94.2
0.107
58.0
0.448
− 45.5
800
0.274
− 135
4.124
89.4
0.117
58.4
0.419
− 46.6
900
0.261
− 145
3.734
85.0
0.126
58.6
0.396
− 47.7
1000
0.251
− 154
3.419
81.2
0.135
59.4
0.377
− 48.8
1100
0.247
− 162
3.150
77.6
0.145
59.6
0.361
− 50.2
1200
0.245
− 170
2.919
74.2
0.155
59.6
0.350
− 51.4
1300
0.245
− 177
2.720
71.0
0.166
59.8
0.339
− 53.2
1400
0.247
175
2.551
67.8
0.176
59.9
0.327
− 54.6
1500
0.251
169
2.410
64.8
0.187
59.7
0.320
− 56.1
1600
0.258
164
2.283
62.1
0.198
59.5
0.311
− 58.2
1700
0.263
159
2.169
59.3
0.209
59.4
0.305
− 59.8
1800
0.269
154
2.067
56.7
0.221
58.9
0.299
− 62.4
1900
0.276
150
1.977
54.4
0.232
58.6
0.292
− 64.9
2000
0.283
146
1.898
51.8
0.243
58.1
0.287
− 67.0
2100
0.290
142
1.824
49.5
0.256
57.5
0.283
− 69.6
2200
0.298
138
1.762
47.2
0.267
57.0
0.277
− 72.9
2300
0.307
135
1.701
44.9
0.279
56.1
0.272
− 75.1
2400
0.314
132
1.645
42.8
0.291
55.4
0.270
− 78.7
2500
0.321
129
1.597
40.6
0.304
54.7
0.264
− 81.3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com