Electronic Components Datasheet Search
  English  ▼

X  

203213 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 203213
Description  MOD JACK - MJIM 8C10T, 1x1, INT. MAG., LED ALIGNED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

203213 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  203213 Datasheet HTML 1Page - List of Unclassifed Manufacturers 203213 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0,656
16,67
Index
Date
B
09.06.2008
SCHEMATIC NUMBER: M5B01
NO.
YELLOW
YELLOW
LED 2 LEFT
LED 2 LINKS
GREEN
GREEN
ORANGE/GREEN
203215
L1
203212
203213
203214
203211
IDENT. NR.
ORANGE/GREEN
L9
YELLOW
GREEN
LED 1 RIGHT
LED 1 RECHTS
YELLOW
GREEN
L8
L3
L2
LED
CODE
LP
EMPFOHLENER FRONTPLATTEN AUSSCHNITT
RECOMMENDED PANEL CUTOUT
L.E.D. 2
1
L.E.D. 1
8
PCB EDGE
B
0,43
10,89
±0,01
0,45
0,63
15,88
±0,13
11,43
LED LENS: EPOXY
HOUSING: GLASS FILLED POLYESTER UL 94 V-0 BLACK
SHIELDING: Cu ALLOY, PLATED WITH Ni
ELECTRICAL CHARACTERISTICS
CONTACT RESISTANCE: 30 MILLIOHMS MAX
OPERATING TEMPERATURE: 0°C TO 70°C
TERMINAL FINISH: Sn MATTE
CONTACT FINISH: Au, 0.8 µm (30 µin) OVER Ni
MECHANICAL CHARACTERISTICS
CONTACTS: PHOSPHOR BRONZE
DURABILITY: 1000 MATING CYCLES
MATERIALS AND FINISH
B
NOTE 2: PANEL GROUND FLANGES BOTH SIDES AND TOP (GF5)
NOTE 1: SIDE SHIELD TABS IN REAR 3.05mm (R)
Class
MJIM
8C10T, 1x1, INT. MAG., LED ALIGNED
MOD JACK - MJIM
203210
2:1
Information:
Tolerances
Scale
All Dimensions
in mm
Designation
I (1/2)
www.ERNI.com
Drawing will not be updated.
prior notice.
Subject to modification without
before using.
All rights reserved.
Only for Information.
To insure that this is the latest
version of this drawing, please
contact one of the ERNI companies
A3


Similar Part No. - 203213

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
203210 ERNI-203210 Datasheet
43Kb / 2P
MOD JACK - MJIM
logo
Integrated Technology F...
203214B ITF-203214B Datasheet
199Kb / 5P
SAW Bandpass Filter
2004-04-28
203216B ITF-203216B Datasheet
199Kb / 5P
SAW Bandpass Filter
2004-04-29
logo
ERNI Electronics
203217 ERNI-203217 Datasheet
40Kb / 1P
MOD JACK - MJIM
logo
Integrated Technology F...
203217B ITF-203217B Datasheet
199Kb / 5P
SAW Bandpass Filter
2004-06-23
More results

Similar Description - 203213

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
133723 ERNI-133723 Datasheet
41Kb / 1P
MOD JACK - MJIM
133883 ERNI-133883 Datasheet
47Kb / 2P
MOD JACK - MJIM
203150 ERNI-203150 Datasheet
33Kb / 1P
MOD JACK - MJIM
203153 ERNI-203153 Datasheet
42Kb / 2P
MOD JACK - MJIM
203158 ERNI-203158 Datasheet
52Kb / 2P
MOD JACK - MJIM
203184 ERNI-203184 Datasheet
46Kb / 1P
MOD JACK - MJIM
203185 ERNI-203185 Datasheet
59Kb / 2P
MOD JACK - MJIM
203189 ERNI-203189 Datasheet
40Kb / 1P
MOD JACK - MJIM
203317 ERNI-203317 Datasheet
48Kb / 2P
MOD JACK - MJIM
203506 ERNI-203506 Datasheet
43Kb / 1P
MOD JACK - MJIM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com