Electronic Components Datasheet Search
  English  ▼

X  

AFB0948L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AFB0948L
Description  92 x 92 x 25.4 MM SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AFB0948L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AFB0948L Datasheet HTML 1Page - List of Unclassifed Manufacturers AFB0948L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
32
http://www.deltaww.com
AFB 92 x 92 x 25.4 MM SERIES
OUTLET SIDE
INLET SIDE
mm
(INCH)
UNIT:
UNIT :
(INCH)
mm
(3.6226
0.020)
82.5
0.3
(3.248
0.012)
92.0
0.5
8- 4.5
0.3
(8- 0.177
0.012)
LABEL
310.0
10.0
(12.205
0.394)
(0.394)
10.0
(2-0.157
0.012)
(1.000
0.020)
2-4.0
0.3
25.4
0.5
VH
H
HH
L
M
SH
(M /MIN)
(CFM)
1.2
Air Flow
0.6
0
0
24.0
10.0
5.0
7.5
2.5
0.2
0.1
0
0
0.3
0.4
3
2.4
1.8
48.0
72.0
3.0
96.0
AFB0912/24X-A
15.0
12.5
0.5
0.6
82.5
88.4
(3.480)
(3.248)
(4- 0.177)
4- 4.5
82.5
88.4
(3.480)
(3.248)
(4-
0.177)
4-
4.5
AFB 92 x 92 x 25.4 MM SERIES
* Bearing Type
Ball Bearings
* Material
Impeller & Frame : Plastic (UL 94V-0)
* Lead Wires :
UL 1007 AWG #24 OR Equivalent
Red Wire Positive (+)
Black Wire Negative (-)
* Weight : 120g (4.23 oz)
■
DIMENSIONS DRAWING
■
P & Q CURVE (AT RATED VOLTAGE)
■
MOUNTING PANEL CUTOUT
MODEL
Rated
Voltage
Operating
Voltage
Range
Input
Current
Input
Power
Speed
Maximum
Air Flow
Maximum
Air Pressure
Noise
PART NO.
REV. FUNCTION VDC
VDC
Amp
Watt
R.P.M.
m3 /min
CFM
mmH2O
IN H2O
dB-A
AFB0912L
-A
-R00/-F00
12
5.0 to 13.8
0.10
1.20
1800
1.055
37.25
2.05
0.080
25.0
AFB0924L
-A
-R00/-F00
24
14.0 to 26.4
0.08
1.92
AFB0912M
-A
-R00/-F00
12
5.0 to 13.8
0.12
1.44
2300
1.402
49.51
3.38
0.133
31.5
AFB0924M
-A
-R00/-F00
24
14.0 to 26.4
0.10
2.40
AFB0912H
-A
-R00/-F00
12
5.0 to 13.8
0.21
2.52
2800
1.696
59.89
4.86
0.191
37.0
AFB0924H
-A
-R00/-F00
24
14.0 to 26.4
0.12
2.88
AFB0912HH
-A
-R00/-F00
12
5.0 to 13.8
0.32
3.84
3300
2.060
72.74
6.65
0.262
42.5
AFB0924HH
-A
-R00/-F00
24
14.0 to 26.4
0.18
4.32
AFB0912VH
-A
-R00/-F00
12
5.0 to 12.6
0.40
4.80
3800
2.307
81.47
8.76
0.345
46.0
AFB0924VH
-A
-R00/-F00
24
14.0 to 26.4
0.25
6.00
AFB0912SH
-A
-R00/-F00
12
5.0 to 12.6
0.75
9.00
4800
2.905
102.59
13.35
0.526
53.0
AFB0924SH
-A
-R00/-F00
24
14.0 to 26.4
0.40
9.60
* Function type is optional.
* The max. air flow and the speed are measured in free air ; max. air pressure is measured at zero air flow.
* Noise is measured in anechoic chamber in free air, one meter from intake side.
* All readings are typical values at rated voltage.
* Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com