| Electronic Components Datasheet Search |
|
AD9938 Datasheet(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9938 Datasheet(HTML) 3 Page - Analog Devices |
|
3 / 6 page ![]() Table 1. Standard Package Tape and Reel (See Page 5 for Reel Definitions) Device Package Type Package Designator Body Size (mm) Number of Leads Reel Quantity Tape Width (mm) Tape Pitch (mm) Pin 1 Orientation 7" Reel 13" Reel (4" Hub) 13" Reel (6" Hub) PLCC P N/A 20 250 1000 N/A 16 12 M1 PLCC P N/A 28, 32 Not offered 750 N/A 24 16 M1 PLCC P N/A 44 Not offered 500 N/A 32 24 M1 PLCC P N/A 68 Not offered N/A 250 44 32 M1 PLCC P N/A 84 Not offered N/A 250 44 36 M1 JLCC J N/A 28 Not offered 250 N/A 24 16 M1 JLCC J N/A 44 Not offered 500 N/A 32 24 M1 LCC E N/A 8 250 3000 N/A 12 8 M1 SOIC_N/SOIC_N_EP R/RD N/A 8 1000 2500 N/A 12 8 C1 SOIC_N/SOIC_N_EP R/RD N/A 14, 16 1000 2500 N/A 16 8 C1 QSOP RQ/RC N/A 16 1000 2500 N/A 12 8 C1 QSOP RQ N/A 20, 24, 28 1000 2500 N/A 16 8 C1 SOIC_W/SOIC_W_BAT RW/RB N/A 14, 16 400 1000 N/A 16 12 C1 SOIC_W/SOIC_W_BAT RW/RB N/A 18 400 1000 N/A 24 16 C1 SOIC_W/SOIC_W_BAT RW/RB N/A 20, 24 400 1000 N/A 24 12 C1 SOIC_W/SOIC_W_BAT RW/RB N/A 28 400 1000 N/A 32 12 C1 SSOP RS N/A 16, 20, 24 500 1500 N/A 16 12 C1 SSOP RS N/A 28 500 1500 N/A 24 12 C1 PSOP2 RP N/A 20, 28 200 1000 N/A 24 12 C1 PSOP3 RR N/A 20 Not offered 750 N/A 24 20 C1 SOT_23_3 RT N/A 3 3000 10,000 N/A 8 4 C4 SOT_231 RJ/RT N/A 5, 6, 8 3000 10,000 N/A 8 4 C4 SOT-143 RA N/A 4 3000 10,000 N/A 8 4 C4 TSOT UJ N/A 5, 6, 8 3000 10,000 N/A 8 4 C4 SOT-223 KC N/A 3 500 2500 N/A 16 12 C4 SC70 KS N/A 3, 4, 5, 6 3000 10,000 N/A 8 4 C4 TSSOP_4.4 RU/RE N/A 8, 14, 16, 20, 24, 28, 38 1000 2500 N/A 16 8 C1 TSSOP_6.1 RV N/A 28, 48 Not offered 2500 N/A 24 12 C1 MSOP RM/RH N/A 8, 10 1000 3000 N/A 12 8 C1 CERPAK QC N/A 14 Not offered 750 N/A 24 16 C1 TQFP SU/SV 7 × 7 × 1.0 All counts 500 2000 Not offered 16 12 C2 TQFP SU/SV 10 × 10 × 1.0 All counts Not offered 1500 Not offered 24 16 C2 TQFP SU/SV 12 × 12 × 1.0 All counts Not offered 1000 Not offered 24 24 C2 TQFP SU/SV 14 × 14 × 1.0 All counts Not offered 1000 Not offered 32 24 C2 LQFP ST 7 × 7 × 1.4 All counts 500 2000 Not offered 16 12 C2 LQFP ST 10 × 10 × 1.4 All counts Not offered 1500 Not offered 24 16 C2 LQFP ST 12 × 12 × 1.4 All counts Not offered 1000 Not offered 24 24 C2 LQFP ST 14 × 14 × 1.4 All counts Not offered 1000 Not offered 32 24 C2 LQFP ST 14 × 20 × 1.4 All counts Not offered 1000 Not offered 44 24 C1 3 | Tape and Reel Packaging |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |