Electronic Components Datasheet Search
  English  ▼

X  

XCB170 Datasheet(PDF) 3 Page - Clare, Inc.

Part # XCB170
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

XCB170 Datasheet(HTML) 3 Page - Clare, Inc.

  XCB170 Datasheet HTML 1Page - Clare, Inc. XCB170 Datasheet HTML 2Page - Clare, Inc. XCB170 Datasheet HTML 3Page - Clare, Inc. XCB170 Datasheet HTML 4Page - Clare, Inc. XCB170 Datasheet HTML 5Page - Clare, Inc. XCB170 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
XCB170
www.clare.com
3
Rev. 2.0
PERFORMANCE DATA*
* The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
XCB170
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
IF = 5mADC
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
XCB170
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
25
20
15
10
5
0
29.09
30.63
32.16
33.70
29.86
31.40
32.93
On-Resistance (
Ω)
XCB170
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
424.0
434.5
444.9
455.4
429.3
439.7
450.1
Blocking Voltage (V)
XCB170
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.50
0.62
0.75
0.44
0.56
0.69
0.81
LED Current (mA)
25
20
15
10
5
0
XCB170
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC
25
20
15
10
5
0
0.50
0.62
0.75
0.44
0.56
0.69
0.81
LED Current (mA)
)
XCB170
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.67
0.83
0.99
1.14
0.75
0.91
1.06
Turn-On (ms)
25
20
15
10
5
0
XCB170
Typical Blocking Voltage
vs. Temperature
Temperature (
°C)
-40
455
450
445
440
435
430
425
420
-20
0
20
40
60
80
100
XCB170
Typical Turn-Off vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
5mA
10mA
-40
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0
-20
0
20
40
60
80
100
120
XCB170
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 100mADC)
0.11
0.17
0.22
0.28
0.25
0.19
0.14
Turn-Off (ms)
25
20
15
10
5
0
XCB170
Typical Load Current vs. Temperature
Temperature (
°C)
160
140
120
100
80
60
40
20
0
-40
-20
0
20
40
60
80
120
100
10mA
5mA
XCB170
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.016
0.014
0.012
0.010
0.008
0.006
0.004
0.002
0
-20
0
20
40
60
80
100
XCB170
Typical Turn-On vs. Temperature
(Load Current = 100mADC)
Temperature (
°C)
-40
0.50
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
0
-20
0
20
40
60
80
100
120
IF= 5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com