Electronic Components Datasheet Search
  English  ▼

X  

NPC Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NPC
Description  Surface Mount Solid Polymer Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPC Datasheet(HTML) 2 Page - NIC-Components Corp.

  NPC_14 Datasheet HTML 1Page - NIC-Components Corp. NPC_14 Datasheet HTML 2Page - NIC-Components Corp. NPC_14 Datasheet HTML 3Page - NIC-Components Corp. NPC_14 Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NIC Part Number
(+260°C Reflow)
WV
Cap.
Max. LC
Tan
δ
Max. Ripple Current (mArms)
100KHz @ +105°C
Max. ESR
+20°C & 100KHz (
Ω)
Height
H ± 0.1
(Vdc)
(
μF)
(
μA)
NPC101M2.5D6ZATRF
2.5
100
10.0
0.05
3,000
0.009
1.9
NPC121M2.5D1UATRF
120
12.0
0.05
3,000
0.005
1.4
NPC121M2.5D6ZATRF
120
12.0
0.05
3,000
0.009
1.9
NPC151M2.5D5ZATRF
150
15.0
0.10
2,700
0.009
1.1
NPC151M2.5D6ZATRF
150
15.0
0.05
3,000
0.009
1.9
NPC181M2.5D5ZATRF
180
18.0
0.10
2,700
0.009
1.1
NPC181M2.5D6ZATRF
180
14.4
0.05
3,000
0.009
1.9
NPC181M2.5D7XATRF
180
18.0
0.10
3,500
0.010
2.7
NPC221M2.5D6YATRF*
220
22.0
0.10
3,500
0.006
1.9**
NPC221M2.5D6ZATRF*
220
22.0
0.10
3,000
0.009
1.9**
NPC221M2.5D8YATRF
220
22.0
0.10
3,500
0.007
2.9
NPC271M2.5D6ZATRF*
270
27.0
0.10
3,000
0.009
1.9**
NPC271M2.5D6YATRF*
270
27.0
0.10
3,500
0.006
1.9**
NPC271M2.5D8YATRF
270
27.0
0.10
3,500
0.007
2.9
NPC331M2.5D8YATRF
330
33.0
0.10
3,500
0.007
2.9
NPC391M2.5D6YATRF**
390
39.0
0.10
3,500
0.006
1.9**
NPC391M2.5D8ZATRF
390
39.0
0.10
3,500
0.009
2.9
NPC680M4D5XATRF
4.0
68
10.9
0.10
2,100
0.015
1.1
NPC680M4D1ZATRF
68
10.9
0.05
3,000
0.009
1.4
NPC680M4D6XATRF
68
10.9
0.05
3,000
0.013
1.9
NPC680M4D6ZATRF
68
10.9
0.05
3,000
0.009
1.9
NPC820M4D6XATRF
82
13.1
0.05
3,000
0.010
1.9
NPC101M4D6XATRF
100
16.0
0.05
3,000
0.010
1.9
NPC121M4D6XATRF
120
19.2
0.05
3,000
0.010
1.9
NPC151M4D6XATRF
150
24.0
0.05
3,000
0.010
1.9
NPC151M4D7XATRF
150
24.0
0.10
3,500
0.010
2.7
NPC181M4D6ZATRF
180
28.8
0.05
3,000
0.009
1.9**
NPC181M4D8ZATRF
180
28.8
0.10
3,500
0.009
2.9
NPC221M4D6ZATRF
220
35.2
0.05
3,000
0.009
1.9**
NPC221M4D8ZATRF
220
35.2
0.10
3,500
0.009
2.9
NPC271M4D8ZATRF
270
43.2
0.10
3,500
0.009
2.9
NPC330M6.3D6XATRF
6.3
33
8.3
0.05
3,000
0.013
1.9
NPC470M6.3D5XATRF
47
11.8
0.10
2,100
0.015
1.1
NPC470M6.3D1XATRF
47
11.8
0.05
3,000
0.010
1.4
NPC470M6.3D6XATRF
47
11.8
0.05
3,000
0.013
1.9
NPC470M6.3D6ZATRF
47
11.8
0.05
3,000
0.009
1.9
NPC560M6.3D6XATRF
56
14.1
0.05
3,000
0.010
1.9
NPC680M6.3D6XATRF
68
17.1
0.05
3,000
0.010
1.9
NPC820M6.3D6XATRF
82
20.7
0.05
3,000
0.010
1.9
NPC101M6.3D6XATRF
100
25.2
0.05
3,000
0.010
1.9
NPC101M6.3D7XATRF
100
25.2
0.10
3,500
0.010
2.7
NPC121M6.3D6ZATRF*
120
30.2
0.05
3,000
0.009
1.9**
NPC121M6.3D8ZATRF
120
30.2
0.10
3,500
0.009
2.9
NPC151M6.3D6ZATRF
150
37.8
0.05
3,000
0.009
1.9**
NPC151M6.3D8ZATRF
150
37.8
0.10
3,500
0.009
2.9
NPC181M6.3D8ZATRF
180
45.4
0.10
3,500
0.009
2.9
NPC221M6.3D8ZATRF
220
55.4
0.10
3,500
0.009
2.9
NPC150M8D6XATRF
8
15
4.8
0.05
3,000
0.015
1.9
NPC220M8D6ATRF
22
7.0
0.05
2,500
0.018
1.9
NPC330M8D6ATRF
33
10.6
0.05
2,500
0.018
1.9
NPC330M8D7XATRF
33
10.6
0.10
3,000
0.013
2.7
NPC470M8D6ATRF
47
11.8
0.05
2,500
0.018
1.9
NPC680M8D7ATRF
68
21.8
0.10
2,500
0.018
2.7
NPC101M8D7ATRF
100
32.0
0.10
2,500
0.018
2.7
NPC220M10D6ATRF
10
22
8.8
0.10
1,600
0.030
1.9
NPC470M10D6ATRF
47
18.8
0.10
1,800
0.025
1.9
Surface Mount Solid Polymer Aluminum
Electrolytic Capacitors
NPC Series
STANDARD PRODUCTS AND SPECIFICATIONS
Frequency 1KHz<=f<10KHz
10KHz<=f<100KHz
100KHz<=f<1MHz
Correction
Factor
0.6
0.85
1.0
RIPPLE CURRENT
FREQUENCY CORRECTION FACTORS
*See note regarding DF in characteristics table (Moisture Resistance).
**height dimension tolerance ±0.2mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com