Electronic Components Datasheet Search
  English  ▼

X  

CSNL2010 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CSNL2010
Description  Metal Foil Current Sensing Chip Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CSNL2010 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CSNL2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers CSNL2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers CSNL2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev Date: 05/28/2013
3
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSNL Series
Metal Foil Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
C
S
N
L
1
2
0
6
F
T
1
0
L
0
Size
CSNL
Metal Foil
1206
Code
Code
Quantity
2010
F
4,000
2512
J
2,000
0.0005 Ohm = L500
0.1 Ohm = R100
0.001 Ohm = 1L00
0.01 Ohm = 10L0
Size
Resistance Value
Tolerance
Packaging
Tol
Four characters with the
multiplier used as the decimal
holder. "L" used as multiplier of
10
-3 for any value under
0.1 ohm.
1206
1W
Product Series
Power
Description
1.5W
2W
2010, 2512
1%
5%
7" Reel - Plastic Tape
T
Nominal
Resistance
Tolerance
0.01
1%
Type
Description
Code
Wattage
Size
Tolerance
SEI Types
Pkg Qty
Description
Code
CSNL
Metal Foil
1/2
1W
1206
1%
1206
4,000
1
1.5W
2010
5%
2010, 2512
2,000
2
2W
2512
7" reel - plastic tape
R
Packaging
CSNL
1/2
R
SEI Type
Code
70
80
0
30
60
100
85
50
25
Ambient Temperature (ºC)
90
120
150
180
170
1206
2010
2512
Power Derating Curve:
Legacy Part Number (before January 3, 2011):
How to Order



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com