Electronic Components Datasheet Search
  English  ▼

X  

2SA1988 Datasheet(PDF) 2 Page - NEC

Part # 2SA1988
Description  PNP SILICON TRANSISTOR POWER AMPLIFIER INDUSTRIAL USE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1988 Datasheet(HTML) 2 Page - NEC

  2SA1988 Datasheet HTML 1Page - NEC 2SA1988 Datasheet HTML 2Page - NEC 2SA1988 Datasheet HTML 3Page - NEC 2SA1988 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
2SA1988
CHARACTERISTICS (TA = 25
°C)
FORWARD BIAS SAFE OPERATING AREA
VCE - Collector to Emitter Voltage - V
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
VCE - Collector to Emitter Voltage - V
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature -
°C
TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature -
°C
0
20
0
50
100
150
20
40
60
80
100
40
60
80
100
120
140
160
140
120
100
80
60
40
20
-0.1
-1
-1
-10
-100
-10
-100
-1000
TC = 25
°C
Single Pulse
0
-20
-30
-4
-6
-10
S/b
Limited
Dissipation
Limited
PW=1ms
Dissipation
Limited
IC(Pulse)
IC(DC)
-8
-10
-12
-2
20mA
40mA
60mA
80mA
100mA
IB=120mA
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
0.01
100
1 m
10 m
100 m
1
10
100
1 000
100
µ
10ms
100ms
200ms
Pulsed
10
1
0.1
Single Pulse
TC=25
°C
Rth (J-C)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com