Electronic Components Datasheet Search
  English  ▼

X  

W133 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # W133
Description  Spread Spectrum System Frequency Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W133 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button W133 Datasheet HTML 4Page - Cypress Semiconductor W133 Datasheet HTML 5Page - Cypress Semiconductor W133 Datasheet HTML 6Page - Cypress Semiconductor W133 Datasheet HTML 7Page - Cypress Semiconductor W133 Datasheet HTML 8Page - Cypress Semiconductor W133 Datasheet HTML 9Page - Cypress Semiconductor W133 Datasheet HTML 10Page - Cypress Semiconductor W133 Datasheet HTML 11Page - Cypress Semiconductor W133 Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
W133
PRELIMINARY
8
3.3V AC Electrical Characteristics
TA = 0°C to +70°C, VDDQ3 = 3.3V±5%,VDDQ2 = 2.5V± 5%, fXTL = 14.31818 MHz
Spread Spectrum function turned off
AC clock parameters are tested and guaranteed over stated operating conditions using the stated lump capacitive load at the
clock output.[34]
Notes:
31. X1 input threshold voltage (typical) is VDD/2.
32. The W133 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. Total load placed on crystal is 18 pF;
this includes typical stray capacitance of short PCB traces to crystal.
33. X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).
34. Period, jitter, offset, and skew measured on rising edge at 1.5V.
35. 3V66 is CPU/2 for CPU =133 MHz and (2 x CPU)/3 for CPU = 100 MHz.
Crystal Oscillator
VTH
X1 Input threshold Voltage[31]
1.65
V
CLOAD
Load Capacitance, Imposed on
External Crystal[32]
18
pF
CIN,X1
X1 Input Capacitance[33]
Pin X2 unconnected
28
pF
Pin Capacitance/Inductance
CIN
Input Pin Capacitance
Except X1 and X2
5
pF
COUT
Output Pin Capacitance
6
pF
LIN
Input Pin Inductance
7nH
DC Electrical Characteristics: TA = 0°C to +70°C, VDDQ3 = 3.3V±5%, VDDQ2 = 2.5V±5% (continued)
Parameter
Description
Test Condition
Min.
Typ.
Max.
Unit
3V66 Clock Outputs, 3V66_0:3 (Lump Capacitance Test Load = 30 pF)
Parameter
Description
Test Condition/Comments
Min.
Typ.
Max.
Unit
f
Frequency
Note 35
66.6
MHz
tR
Output Rise Edge Rate
Measured from 0.4V to 2.4V
1
4
V/ns
tF
Output Fall Edge Rate
Measured from 2.4V to 0.4V
1
4
V/ns
tD
Duty Cycle
Measured on rising and falling edge at 1.5V
45
55
%
fST
Frequency Stabilization
from Power-up (cold start)
Assumes full supply voltage reached within
1 ms from power-up. Short cycles exist prior
to frequency stabilization.
3ms
Zo
AC Output Impedance
Average value during switching transition.
Used for determining series termination
value.
15
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com