Electronic Components Datasheet Search
  English  ▼

X  

ECWF4823MB Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECWF4823MB
Description  Metallized Polypropylene Film Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWF4823MB Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECWF4823MB Datasheet HTML 1Page - Panasonic Semiconductor ECWF4823MB Datasheet HTML 2Page - Panasonic Semiconductor ECWF4823MB Datasheet HTML 3Page - Panasonic Semiconductor ECWF4823MB Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
Metallized Polypropylene Film Capacitor
Type:
ECWF(B)
Designed for high current and frequency applications.
IFeatures
• Low-loss
• Excellent frequency characteristics
• Flame reterdant epoxy resin coating
• RoHS directive compliant
IRecommended Applications
• High frequency and high current circuits
(TVs, Monitors, Power Supplies, etc.)
IExplanation of Part Numbers
123456789
10
11
E
C
W
F
B
Products code
Dielectric &
construction
Rated
voltage
Cap. Tol.
Suffix
Suffix
Capacitance
G Explanation of Part Numbers for Odd Size Taping
E
C
W
F
R
B
Products code
Dielectric &
construction
Rated
voltage
7.5 mm
Crimped lead
Cap. Tol.
Suffix
Capacitance
2 250 VDC (150 Vrms, 250 Vo-p)
4 400 VDC (200 Vrms, 400 Vo-p)
H
±3 %
J
±5 %
ISpecifications
Category temp. range
(Including temperature-rise on unit surface)
Rated voltage
Capacitance range
Capacitance tolerance
– 25 ˚C to + 105 ˚C
250 VDC(150 Vrms, 250 Vo-p), 400 VDC(200 Vrms, 400 Vo-p)
(Derating of rated voltage by 1.25 %/˚C at more than 85 ˚C)
0.022 µF to 4.7 µF(250 VDC), 0.022 µF to 1.6 µF(400 VDC)
±3 %(H), ±5 %(J)
Dissipation factor (tan )
0.068 µF to 0.51 µF : tan <
=0.05 %
0.56 µF to 4.7 µF : tan <
=0.1 %
(20˚ C, 1 kHz)
0.068 µF to 4.7 µF : tan <
=0.2 % (20 ˚C, 10 kHz)
Withstand voltage
Between terminals : Rated volt. (VDC)✕150 % 60 s
Insulation resistance (IR)
C<
=0.33 µF : IR>
=9000 MΩ
C>0.33 µF : IR>
=3000 MΩ . µF
(20 ˚C, 100 VDC, 60 s)
Blank
Type 1
Straight
B
Type 2
Crimped lead
❈ In case of applying voltage in alternating current (50 Hz or 60 Hz sine wave) to a capacitor with DC rated voltage,
please refer to the page of “Permissible voltage (R.M.S) in alternating current corresponding to DC rated voltage”.
Mar. 2006


Similar Part No. - ECWF4823MB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWF4823ML PANASONIC-ECWF4823ML Datasheet
326Kb / 10P
Metallized polyoropylene Film Capacitor
ECWF4823ML PANASONIC-ECWF4823ML Datasheet
333Kb / 10P
Metallized Polypropylene Film Capacitor
ECWF4823ML PANASONIC-ECWF4823ML Datasheet
333Kb / 10P
Metallized Polypropylene Film Capacitor
ECWF4823ML PANASONIC-ECWF4823ML Datasheet
333Kb / 10P
Metallized Polypropylene Film Capacitor
ECWF4823MLB PANASONIC-ECWF4823MLB Datasheet
338Kb / 10P
Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWF4823MB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
Metallized Polypropylene Film Capacitor
04-Jul-05
logo
Kemet Corporation
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
C4BSPBX4300ZBNJ KEMET-C4BSPBX4300ZBNJ Datasheet
112Kb / 1P
Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R46KI368000P0K KEMET-R46KI368000P0K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
Capacitor, Film, Metallized Polypropylene
logo
Panasonic Semiconductor
ECQUAAF822K PANASONIC-ECQUAAF822K Datasheet
715Kb / 14P
Metallized Polypropylene Film Capacitor
ECWH10752HV PANASONIC-ECWH10752HV Datasheet
774Kb / 18P
Metallized Polypropylene Film Capacitor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com