Electronic Components Datasheet Search
  English  ▼

X  

LBN08008 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN08008
Description  SAWFilter Electrical Characteristic
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN08008 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN08008 Datasheet HTML 1Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LBN0 80 0 8 MHz SAW Filter Electrical Characteristic
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
79.875
80
80.125
Insertion Loss
dB
28.20
29.5
2 dB Bandwidth
MHz
25
25.08
20 dB Bandwidth
MHz
25.78
25.80
30 dB Bandwidth
MHz
25.94
26.2
40 dB Bandwidth
MHz
26.05
26.6
Passband variation
dB
1.5
2.0
Absolute Delay
usec
3.15
4.5
Ultimate Rejection
dB
45
50
55
Substrate Material
YZ LN
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.7x5.2mm
3)
Typical Performance
60
65
70
75
80
85
90
95
100
-108.268
-98.268
-88.268
-78.268
-68.268
-58.268
-48.268
-38.268
-28.268
Frequency(MHz)
Type Performance
Package Outline
Matching Configuration


Similar Part No. - LBN08008

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN08008 SIPAT-LBN08008 Datasheet
139Kb / 1P
SAW Filter Electrical Characteristic
More results

Similar Description - LBN08008

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN7057 SIPAT-LBN7057 Datasheet
125Kb / 1P
SAW Filter Electrical Characteristic
LBN14014 SIPAT-LBN14014 Datasheet
34Kb / 1P
SAW Filter Electrical Characteristic
LBN14012 SIPAT-LBN14012 Datasheet
46Kb / 1P
SAW Filter Electrical Characteristic
LBS7034 SIPAT-LBS7034 Datasheet
74Kb / 1P
SAW Filter Electrical Characteristic
LBS6401 SIPAT-LBS6401 Datasheet
66Kb / 1P
SAW Filter Electrical Characteristic
LBS06501 SIPAT-LBS06501 Datasheet
71Kb / 1P
SAW Filter Electrical Characteristic
LBS7033 SIPAT-LBS7033 Datasheet
76Kb / 1P
SAW Filter Electrical Characteristic
LBS7037 SIPAT-LBS7037 Datasheet
72Kb / 1P
SAW Filter Electrical Characteristic
LBS42.24 SIPAT-LBS42.24 Datasheet
57Kb / 1P
Filter Electrical Characteristic
logo
SHENZHEN YONGERJIA INDU...
1N5817 WINNERJOIN-1N5817 Datasheet
93Kb / 2P
ELECTRICAL CHARACTERISTIC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com