Electronic Components Datasheet Search
  English  ▼

X  

W155 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W155
Description  Spread Spectrum Frequency Timing Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W155 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W155 Datasheet HTML 1Page - Cypress Semiconductor W155 Datasheet HTML 2Page - Cypress Semiconductor W155 Datasheet HTML 3Page - Cypress Semiconductor W155 Datasheet HTML 4Page - Cypress Semiconductor W155 Datasheet HTML 5Page - Cypress Semiconductor W155 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Spread Spectrum Frequency Timing Generator
W155
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
September 29, 1999, rev. **
Features
• Generates a spread spectrum timing signal (SYSCLK)
and a non-spread signal (USBCLK)
• Requires a 14.318-MHz crystal for operation
• Supports MIPS microprocessor clock frequencies
• Reduces peak EMI by as much as 12 dB
• Integrated loop filter components
• Cycle-to-cycle jitter = 250 ps (max)
• Operates with a 3.3 or 5.0V power supply
• Spread output is selectable from 10 to 133 MHz
• TEST mode supports modulation off (High-Z) and spe-
cial test input reference frequency
• Guaranteed 45/55 duty cycle
• Packaged in a 16-pin, 300-mil-wide SOIC (Small Outline
Integrated Circuit)
Overview
The W155 incorporates the latest advances in PLL-based
spread spectrum frequency synthesizer technology. By fre-
quency modulating the SYSCLK output with a low-frequency
carrier, peak EMI can be greatly reduced in a system. Use of
this technique allows systems to pass increasingly difficult EMI
testing without resorting to costly shielding or redesign.
In a system that uses the W155, not only is EMI reduced in the
various clock lines, but also in all signals which are synchro-
nized to SYSCLK. Therefore, the benefits of using this tech-
nique increase with the number of address and data lines in
the system.
The W155 is specifically targeted toward MIPS microproces-
sor based systems where EMI is of particular concern. Each
device uses a single 14.318-MHz crystal to generate a select-
able spread spectrum output and an unmodulated 48-MHz
USB Output.
The spreading function can be disabled by taking the SSON#
pin high. Spread percentage can be selected with the SS%
input (see Table 2 below).
Table 1. Frequency Selection (14.318-MHz Reference)
FS3
FS2
FS1
FS0
SYSCLK
(Output Freq.)
0000
133.3 MHz
0001
120 MHz
0010
100 MHz
0011
74.77 MHz
0100
70 MHz
0101
66.6 MHz
0110
60 MHz
0111
50 MHz
1000
40 MHz
1001
33.33 MHz
1010
30 MHz
1011
25 MHz
1100
20 MHz
1101
16.67 MHz
1110
12 MHz
1111
10 MHz
Table 2. Spread Percentage Selection
SS%
Spread Percentage
0
–1.25%
1
–3.75%
Pin Configuration
TEST
VDD
USBCLK/SS%*
GND
SYSCLK
GND
FS0*
SSON#^
16
15
14
13
12
11
10
9
VDD
X1
X2
GND
FS3*
VDD
FS2*
FS1*
1
2
3
4
5
6
7
8
[1]
Note:
1.
Internal pull-up resistor present on inputs marked with ‘*’ and pull-down
resistor present on input marked with ‘^’.


Similar Part No. - W155

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W15 ETC1-W15 Datasheet
88Kb / 2P
15 Watt - Single Output Regulated Power Supplies
logo
Cypress Semiconductor
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
logo
SpectraLinear Inc
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W150 CYPRESS-W150 Datasheet
175Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
List of Unclassifed Man...
W1507-760 ETC1-W1507-760 Datasheet
88Kb / 2P
15 Watt - Single Output Regulated Power Supplies
More results

Similar Description - W155

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W166 CYPRESS-W166 Datasheet
115Kb / 7P
Spread Spectrum Frequency Timing Generator
December 20, 1999, rev
W42C31-03 CYPRESS-W42C31-03 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev
W42C31-04 CYPRESS-W42C31-04 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-06 CYPRESS-W42C31-06 Datasheet
136Kb / 6P
Spread Spectrum Frequency Timing Generator
September 29, 1999, rev
W42C31-09 CYPRESS-W42C31-09 Datasheet
119Kb / 7P
Spread Spectrum Frequency Timing Generator
January 25, 2000, rev. B
W42C32-05 CYPRESS-W42C32-05 Datasheet
131Kb / 8P
Spread Spectrum Frequency Timing Generator
September 28, 1999, rev.
W48C101-01 CYPRESS-W48C101-01 Datasheet
112Kb / 8P
Spread Spectrum BX System Frequency Generator
October 7, 1999, rev.
W48S101-04 CYPRESS-W48S101-04 Datasheet
143Kb / 12P
Spread Spectrum Motherboard Frequency Generator
October 27, 1999, rev.
CY24239 CYPRESS-CY24239 Datasheet
156Kb / 15P
Spread Spectrum Frequency Timing Generator
W48S101-04H CYPRESS-W48S101-04H Datasheet
148Kb / 12P
Spread Spectrum Motherboard Frequency Generator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com