Electronic Components Datasheet Search
  English  ▼

X  

2SA812 Datasheet(PDF) 1 Page - NEC

Part # 2SA812
Description  AUDIO FREQUENCY,GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA812 Datasheet(HTML) 1 Page - NEC

  2SA812 Datasheet HTML 1Page - NEC 2SA812 Datasheet HTML 2Page - NEC 2SA812 Datasheet HTML 3Page - NEC 2SA812 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
SILICON TRANSISTOR
2SA812
PNP SILICON EPITAXIAL TRANSISTOR
MINI MOLD
DATA SHEET
Document No. D17119EJ2V0DS00 (2nd edition)
(Previous No. TC-1479B)
Date Published March 2004 N CP(K)
Printed in Japan
c
The mark
shows major revised points.
1984
FEATURES
• Complementary to 2SC1623
• High DC Current Gain: hFE = 200 TYP. (VCE = −6.0 V, IC = −1.0 mA) )
• High Voltage: VCEO = −50 V
QUALITY GRADE
Standard
Please refer to “Quality Grades on NEC Semiconductor Devices”
(Document No. C11531E) published by NEC Electronics Corporation to
know the specification of quality grade on the devices and its
recommended applications.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Collector to Base Voltage
VCBO
−60
V
Collector to Emitter Voltage
VCEO
−50
V
Emitter to Base Voltage
VEBO
−5.0
V
Collector Current (DC)
IC
−100
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
−55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
−0.1
µA
VCB =
−60 V, IE = 0 A
Emitter Cutoff Current
IEBO
−0.1
µA
VEB =
−5.0 V, IC = 0 A
DC Current Gain
hFE
90
200
600
VCE =
−6.0 V, IC = −1.0 mA
Note
Collector Saturation Voltage
VCE(sat)
−0.18
−0.3
V
IC =
−100 mA, IB = −10 mA
Base to Emitter Voltage
VBE
−0.58
−0.62
−0.68
V
VCE = 6.0 V, IC =
−1.0 mA
Gain Bandwidth Product
fT
180
MHz
VCE =
−6.0 V, IE = 10 mA
Output Capacitance
Cob
4.5
pF
VCE =
−10 V, IE = 0 A, f = 1.0 MHz
Note Pulsed: PW
≤ 350
µs, Duty Cycle ≤ 2%
hFE CLASSIFICATION
Marking
M4
M5
M6
M7
hFE
90 to 180
135 to 270
200 to 400
300 to 600
PACKAGE DRAWING
(Unit: mm)
2.8 ±0.2
1.5 TYP.
0.65
+0.1
–0.15
Marking
1. Emitter
2. Base
3. Collector
1
2
3


Similar Part No. - 2SA812

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
Plastic-Encapsulated Transistors
logo
Galaxy Semi-Conductor H...
2SA812 BILIN-2SA812 Datasheet
253Kb / 4P
Silicon Epitaxial Planar Transistor
Rev.A
logo
Guangdong Kexin Industr...
2SA812 KEXIN-2SA812 Datasheet
123Kb / 2P
PNP Silicon Epitaxial Transistor
logo
Dc Components
2SA812 DCCOM-2SA812 Datasheet
228Kb / 1P
TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
Weitron Technology
2SA812 WEITRON-2SA812 Datasheet
211Kb / 3P
PNP General Purpose Transistors
More results

Similar Description - 2SA812

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1226 NEC-2SA1226 Datasheet
183Kb / 4P
HIGH FREQUENCY AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SA811A NEC-2SA811A Datasheet
178Kb / 4P
AUDIO FREQUENCY HIGH GAIN AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD?
2SB624 NEC-2SB624 Datasheet
256Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SB736 NEC-2SB736 Datasheet
183Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR(MINI MOLD)
2SC1623 NEC-2SC1623 Datasheet
60Kb / 6P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SD596 NEC-2SD596 Datasheet
249Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SD780 NEC-2SD780 Datasheet
179Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SA1611 NEC-2SA1611 Datasheet
194Kb / 4P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER PNP SILICON EPITAXIAL TRANSISTOR
2SD596A NEC-2SD596A Datasheet
541Kb / 4P
AUDIO FREQUENCY POWER AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
logo
Unisonic Technologies
2SC1623 UTC-2SC1623 Datasheet
120Kb / 2P
AUDIO FREQUENCY GENERAL PURPOSE AMPLIFIER NPN SILICON TRANSISTOR MINI MOLD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com