Electronic Components Datasheet Search
  English  ▼

X  

W180 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # W180
Description  Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W180 Datasheet(HTML) 7 Page - Cypress Semiconductor

  W180 Datasheet HTML 1Page - Cypress Semiconductor W180 Datasheet HTML 2Page - Cypress Semiconductor W180 Datasheet HTML 3Page - Cypress Semiconductor W180 Datasheet HTML 4Page - Cypress Semiconductor W180 Datasheet HTML 5Page - Cypress Semiconductor W180 Datasheet HTML 6Page - Cypress Semiconductor W180 Datasheet HTML 7Page - Cypress Semiconductor W180 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
W180
7
Application Information
Recommended Circuit Configuration
For optimum performance in system applications the power
supply decoupling scheme shown in Figure 4 should be used.
VDD decoupling is important to both reduce phase jitter and
EMI radiation. The 0.1-
µF decoupling capacitor should be
placed as close to the VDD pin as possible, otherwise the in-
creased trace inductance will negate its decoupling capability.
The 10-
µF decoupling capacitor shown should be a tantalum
type. For further EMI protection, the VDD connection can be
made via a ferrite bead, as shown.
Recommended Board Layout
Figure 5 shows a recommended 2-layer board layout.
Document #: 38-00796-A
Figure 4. Recommended Circuit Configuration
GND
8
7
6
5
1
2
3
4
C1
FB
C2
3.3V or 5V System Supply
10 µF Tantalum
0.1 µF
Clock
Xtal Connection or Reference Input
Xtal Connection or NC
Output
R1
Ordering Information
Ordering Code
Freq. Mask
Code
Package
Name
Package Type
W180
01, 02, 03
51. 52. 53
G
8-pin Plastic SOIC (150-mil)
Clock Output
High frequency supply decoupling
capacitor (0.1-µF recommended).
Common supply low frequency
decoupling capacitor (10-µF tantalum
recommended).
FB
Ferrite Bead
C1 =
C2 =
Match value to line impedance
R1 =
=
R1
C1
C2
G
G
FB
=
Via To GND Plane
G
Xtal Connection or Reference Input
NC
G
Power Supply Input
(3.3V or 5V)
Figure 5. Recommended Board Layout (2-Layer Board)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com