Electronic Components Datasheet Search
  English  ▼

X  

SD103AWS Datasheet(PDF) 2 Page - Unisonic Technologies

Part # SD103AWS
Description  SCHOTTKY BARRIER SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

SD103AWS Datasheet(HTML) 2 Page - Unisonic Technologies

  SD103AWS Datasheet HTML 1Page - Unisonic Technologies SD103AWS Datasheet HTML 2Page - Unisonic Technologies SD103AWS Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SD103AWS
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-082,A
ABSOLUTE MAXIMUM RATINGS (Single Diode @TA=25°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Maximum repetitive Peak Reverse Voltage
VRRM
40
V
Maximum DC Blocking Voltage
VR
40
V
Working Peak Reverse Voltage
VRWM
40
V
Maximum RMS Reverse Voltage
VR(RMS)
28
V
Forward Continuous Current
IFM
350
mA
Non-Repetitive Peak Forward Current at tP ≤ 1.0s
IFSM
1.5
A
Power Dissipation
PD
400
mW
Storage Temperature
TSTG
-65~+125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Thermal Resistance Junction to Ambient
θJA
300
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN TYP MAX UNIT
Forward Voltage Drop
VF
IF=20mA
0.37
V
IF=200mA
0.60
V
Reverse Breakdown Voltage
BVR
IR=10μA
40
V
Peak Reverse Leakage Current
IRM
VR=30V
5.0
μA
Typical Reverse Recovery Time
tRR
IF=IR= 50~200mA, RL=100Ω
recover to 0.1x IR
10
ns
Typical Junction Capacitance
CT
VR=0V, f=1.0MHz
50
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com